Electronic Components Datasheet Search
  English  ▼

X  

CLE535W Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLE535W
Description  High Power Green LED Flat Window Can, Hermetically Sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLE535W Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLE535W Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE535W
Preliminary
High Power Green LED
Flat Window Can, Hermetically Sealed
Clairex
Technologies, Inc.
March, 2006
features
• Flat lens TO-46 Package
• ±35° emission angle
• High luminous flux
• cathode connected to case
• RoHS compliant
description
The CLE535W contains a GaN, high
power output, green LED mounted on
a TO-46 header. The TO-46 header
provides the thermal environment for
reliable operation over a wide
temperature range. For additional
information, call Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -65°C to +150°C
operating temperature ................................................................... -65°C to +125°C
lead soldering temperature
(1) ......................................................................... 260°C
continuous forward current
(2) .......................................................................... 55mA
reverse voltage ................................................................................................. 5.0V
peak forward current (1.0ms pulse width, 10% duty cycle)............................. 0.25A
continuous power dissipation
(3).................................................................... 200mW
notes:
1.
0.06” (1.5mm) from case for 5 seconds maximum.
2.
Derate linearly 0.44mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
ΦV
Luminous flux
-
1,200
-
mlm
IF = 20mA
VF
Forward voltage
-
3.2
3.6
V
IF = 20mA
IR
Reverse current
-
-
10
µA
VR = 5.0V
θHP
Emission angle at half power points
-
70
-
deg.
IF = 20mA
λp
Peak Wavelength
520
530
540
nm
IF = 20mA
0.147 (3.73)
0.137 (3.48)
CATHODE
ANODE
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.100 (2.54) dia.
0.165 (4.19)
0.145 (3.68)
0.025 (0.64) max.
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
0.010 (0.25) max
0.136 (3.45)
0.156 (3.96)
Case 3
CATHODE
(connected
to case)
ANODE
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
Revised 3/20/06


Similar Part No. - CLE535W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE535W ETC-CLE535W Datasheet
108Kb / 1P
High Power Green LED Flat Window Can, Hermetically Sealed
More results

Similar Description - CLE535W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLE435W ETC-CLE435W Datasheet
109Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE436W ETC-CLE436W Datasheet
108Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
CLE535W ETC-CLE535W Datasheet
108Kb / 1P
High Power Green LED Flat Window Can, Hermetically Sealed
CLE536W ETC-CLE536W Datasheet
108Kb / 1P
High Power Blue LED Flat Window Can, Hermetically Sealed
CLE539W ETC-CLE539W Datasheet
107Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
logo
Clairex Technologies, I...
CLE435W CLAIREX-CLE435W Datasheet
113Kb / 1P
Red LED, Gallium Arsenide Phosphide Flat Window Can, Hermetically Sealed
CLE436W CLAIREX-CLE436W Datasheet
112Kb / 1P
High Power Red LED - Minimal Infrared Content Flat Window Can, Hermetically Sealed
CLE535 CLAIREX-CLE535 Datasheet
112Kb / 1P
High Power Green LED Dome Lens Can, Hermetically Sealed
CLE536W CLAIREX-CLE536W Datasheet
112Kb / 1P
High Power Blue LED Flat Window Can, Hermetically Sealed
CLE539W CLAIREX-CLE539W Datasheet
111Kb / 1P
High Power GaN White LED Flat Window Can, Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com