Electronic Components Datasheet Search
  English  ▼

X  

CLI300 Datasheet(PDF) 2 Page - Clairex Technologies, Inc

Part # CLI300
Description  IRED - Photosensor Photointerrupters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLI300 Datasheet(HTML) 2 Page - Clairex Technologies, Inc

  CLI300 Datasheet HTML 1Page - Clairex Technologies, Inc CLI300 Datasheet HTML 2Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLI300 Series
IRED - Photosensor
Photointerrupters
Schematic Configurations
RED
BLUE
BLACK
YELLOW
CLI325
RED
BLUE
BLACK
YELLOW
GREEN
RED
BLUE
BLACK
YELLOW
CLI375
CLI355
330 ohms
270 ohms
CLI385
GREEN
BLUE
YELLOW
RED
BLACK
* The CLI385 features an open collector, buffer, digital output. Other output functions such as inverter and
internal 10K pull-up are available. Obtain a copy of the CLL Series data sheet from our website at
www.clairex.com to see other available output configurations.
Clairex
Technologies, Inc.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol parameter
min
typ
max
units
test conditions
Coupled CLI325
IL
Sensor light current
3.0
-
-
mA
IF = 10mA, VCE = 5V
VCE(sat)
Saturation voltage
-
-
1.2
V
IF = 10mA, IC = 4mA
tr, tf
Output rise and fall time
-
50
-
µsec
IC = 2.0mA, VCC=10V, RL = 100Ω
Coupled CLI355
VCE(sat)
Saturation voltage
-
-
1.2
V
IF = 10mA, IC = 4mA
IL
Sensor light current
12.0
-
-
mA
IF = 10mA, VCC = 5V
VO
Voltage output across 270
Ω resistor
3.2
-
-
V
IF = 10mA, VCC = 5V
VOFF
Voltage output across 270
Ω resistor
-
-
0.4
V
Ee = 0
tr, tf
Output rise and fall time
-
300
-
µsec
IC = 2.0mA, VCC = 10V, RL =100Ω
Coupled CLI375
VCE(sat)
Saturation voltage
-
-
0.5
V
IF = 20mA, IC = 1mA
IL
Sensor light current
1.0
-
-
mA
IF = 10mA, VCE = 5V
tr, tf
Output rise and fall time
-
5.0
-
µsec
IC = 2.0mA, VCC = 10V, RL =100Ω
Coupled CLI385 (VCC = 5V unless otherwise noted)
VOL
Low level output voltage
-
-
0.4
V
IOL = 15mA, IF = 0(6)
IOH
High level output leakage
-
-
5.0
µA
IF = 15mA, VOH = 18V
IF+
IRED positive going threshold
(7)
10
-
-
mA
IF+/IF -
Hysteresis ratio
-
1.2
-
tr, tf
Output rise and fall time
-
75
-
ns
tPLH
Propagation delay, low to high
-
6.0
-
µs
tPHL
Propagation delay, high to low
-
6.0
-
µs
IF = 0(6) or 15mA,
f = 10kHz, Duty Cycle = 50%,
RL = 240Ω, CL = 15pF
note: 6. IF = 0 equates to light path being blocked by opaque object.
7. Minimum current applied to IRED to cause output to change state.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com