Electronic Components Datasheet Search
  English  ▼

X  

CLI700 Datasheet(PDF) 1 Page - Clairex Technologies, Inc

Part # CLI700
Description  IRED - Photo-IC Reflective Object Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc

CLI700 Datasheet(HTML) 1 Page - Clairex Technologies, Inc

  CLI700 Datasheet HTML 1Page - Clairex Technologies, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLI700
IRED – Photo-IC
Reflective Object Sensor
Clairex
Technologies, Inc.
March, 2002
features
• 0.020” dia. light pipe aperture
• T0-72 package
• Buffer, open collector output
description
The CLI700 consists of an 880nm
AlGaAs IRED and a buffer, open
collector photo-IC mounted on a
custom TO-72 header. The IRED
emits a broad radiation pattern
through the formed clear epoxy
lens. Radiation reflected from the
target is received by a 0.020”
diameter fiber optic light pipe
attached to the active area of the
photo-IC. Other photo-IC options
are available. See the CLL series
data sheet on our website.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ........................................................................ -40°C to +125°C
operating temperature ..................................................................... -40°C to +100°C
lead soldering temperature
(1) ........................................................................... 260°C
IRED
continuous forward DC current
(2) ......................................................................35mA
reverse DC voltage................................................................................................5V
continuous power dissipation
(3)......................................................................100mW
PHOTO-IC
supply voltage......................................................................................... 4.5V to 18V
output sink current ............................................................................................25mA
voltage at output lead (open collector) ................................................................30V
note:
1.
0.06” (1.5mm) from the header for 5 seconds maximum
2.
Derate linearly 0.37mA/°C from 25°C free air temperature to TA = +100°C.
3.
Derate linearly 1.07mW/°C from 25°C free air temperature to TA = +100°C.
definition: Output is buffer, open collector. Output is HIGH (OFF) when reflected
light is sensed and LOW (ON) when reflected light is not sensed.
®
electrical characteristics (TA = 25°C and VCC = 5.0V unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
VF
IRED forward voltage
-
1.50
1.65
V
IF = 20mA
IR
IRED reverse current
-
-
10
µA
VR = 5V
λP
Peak emission wavelength
-
880
-
nm
IF = 20mA
BW
Spectral bandwidth at half power points
-
80
-
nm
IF = 20mA
ICC
Sensor supply current
-
4.0
10.0
mA
VCC=15V
-
0.3
0.5
V
IC = 15mA, IF = 0 or 35mA
VOL
Low level output voltage(4)
-
0.5
0.8
V
IC = 25mA, IF = 0 or 35mA
IOH
High level output current(5)
-
-
1.0
µA
IF = 35mA, VOH = 25V
IFT
Turn-on threshold (IRED current) (5)
-
-
7.0
mA
d = 0.03 inches
IF(+)/IF(-)
Hysteresis
-
12
-
%
tr, tf
Output rise and fall time
-
200
500
ns
RL=200Ω, duty cycle = 50%
tP
Propagation delay
-
-
80
µs
RL=200Ω, duty cycle = 50%
notes: 4. No reflective surface.
5. Measured using a Kodak 90% diffuse reflectance neutral white test card.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
0.175 (4.46)
0.500(12.7) min.
0.165 (4.21)
0.187 (4.75)
0.179 (4.55)
0.030 (0.76) max.
1
2
3
2. Anode
3. Output
4. Ground
1. Vcc
4
0.028 (0.71)
0.048 (1.22)
0.046 (1.17)
0.036 (0.91)
45°
0.209 (5.31)
0.230 (5.84)
0.021 (0.53) Dia
0.017 (0.43) 3 Places
0.100 Dia
0.160 (4.08) Emitting Window
0.150 (3.81)
Diameter
0.020 (0.50) Diameter
Detection Area
1
2
3
4
ALL DIMENSIONS
ARE IN INCHES
(MILLIMETERS)
4
Revised 3/16/06
Internally
connected
to header


Similar Part No. - CLI700

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLI710 CLAIREX-CLI710 Datasheet
102Kb / 1P
IRED - Phototransistor Reflective Object Sensor
More results

Similar Description - CLI700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Clairex Technologies, I...
CLI710 CLAIREX-CLI710 Datasheet
102Kb / 1P
IRED - Phototransistor Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com