Electronic Components Datasheet Search
  English  ▼

X  

CHX2090RBF/24 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX2090RBF/24
Description  12-24GHz Frequency Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2090RBF/24 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX2090RBF/24 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2090RBF/24 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2090RBF/24 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2090RBF/24 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2090RBF/24 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2090RBF/24 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHX2090RBF
Ref. : DSCHX2090RBF2057 -26-Feb.02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-24GHz Frequency Multiplier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a cascadable by 2 frequency
multiplier. It is designed for a wide range of
applications, from military to commercial
communication
systems.
The
circuit
is
manufactured with a PM-HEMT process,
0.25µm gate length, via holes through the
substrate, air bridges and electron beam
gate lithography.
It is supplied in a new SMT leadless chip
carrier.
Main Features
■ Broadband performances : 11-13GHz (f0)
■ Output power 13dBm (at 2f0) for
Pin = 12dBm (at f0)
■ Rejection better than 15dBc
(related to Pout at 2f0)
■ SMT leadless package
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMT Package Dimensions
Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors. It is indicated
by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on the backside of the
package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the location of PIN 1.


Similar Part No. - CHX2090RBF/24

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090 UMS-CHX2090 Datasheet
77Kb / 4P
12-24GHz Frequency Multiplier
CHX2090 UMS-CHX2090 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-99F/00 UMS-CHX2090-99F/00 Datasheet
77Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
More results

Similar Description - CHX2090RBF/24

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX1094 UMS-CHX1094 Datasheet
85Kb / 4P
12-36GHz Frequency Multiplier
CHX2090 UMS-CHX2090 Datasheet
77Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
United Monolithic Semic...
CHX1094 UMS-CHX1094_15 Datasheet
99Kb / 4P
12-36GHz Frequency Multiplier
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com