Electronic Components Datasheet Search
  English  ▼

X  

CHX2091 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHX2091
Description  20-40GHz Frequency Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2091 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHX2091 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHX2091
20-40GHz Frequency Multiplier
Ref. : DSCHX20911208-27-Jul.-01
2/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vdd = 3.5V Vg1 = -0.9V Vg2 tuned for Id=50mA ( # -0.4V ) Pin = +12dBm
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
17
20
GHz
Fout
Output frequency range
34
40
GHz
Pin
Input power
12
15
dBm
Pout
Output power for +12dBm input power
10
12
dBm
Is/Fo
Fin rejection at the output ( 18 < Fin < 20GHz)
25
dBc
VSWRin
Input VSWR
2.5:1
VSWRout
Output VSWR
2.5:1
Id
Bias current with RF , Pin=+12dBm
50
70
mA
Absolute Maximum Ratings
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5
V
Id
Drain bias current
120
mA
Vg
Gate bias voltage
-2 to +0.4
V
Pin
Input Power
17
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of device above anyone of these parameters may cause permanent damage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com