Electronic Components Datasheet Search
  English  ▼

X  

CND2047 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CND2047
Description  10GHz Frequency Divider by 4 Fixed Modulus Prescaler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2047 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CND2047 Datasheet HTML 1Page - United Monolithic Semiconductors CND2047 Datasheet HTML 2Page - United Monolithic Semiconductors CND2047 Datasheet HTML 3Page - United Monolithic Semiconductors CND2047 Datasheet HTML 4Page - United Monolithic Semiconductors CND2047 Datasheet HTML 5Page - United Monolithic Semiconductors CND2047 Datasheet HTML 6Page - United Monolithic Semiconductors CND2047 Datasheet HTML 7Page - United Monolithic Semiconductors CND2047 Datasheet HTML 8Page - United Monolithic Semiconductors CND2047 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CND2047
10GHz Frequency Divider by 4
Ref. : DSCND20470077 -17-Mar-00
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics in FTP8 Ceramic Package and in die form
Guaranteed electrical specifications over the temperature range of
-55°C to +125°C but tested at Tamb=25°C under configuration described in Fig.1
( Vdd=5V ; Differential inputs; Pin=0dBm ; Zo=50
Ω )
Symbol
Parameter
Min
Typ
Max
Unit
Fmax
Maximum input frequency
8.25
8.75
GHz
Idd
Supply current
60
75
mA
Typical design information over the temperature range of -55°C to +125°C
( Vdd=5V, Zo=50
Ω )
Symbol
Parameter
Min
Typ
Max
Unit
Fmax
Maximum input frequency
differential input
Pin= -5dBm
Pin= 0dBm
one input
Pin= -5dBm
Pin= 0dBm
8
8.25
7.5
8
8.5
8.75
8
8.5
GHz
Ghz
Ghz
Ghz
Pout
Output power
-4
-1.5
dBm
Idd
Supply current
60
75
mA
Typical design information over the temperature range of -55°C to +125°C.
( Vdd=3.3V, Zo=50
Ω )
Symbol
Parameter
Min
Typ
Max
Unit
Fmax
Maximum input frequency
differential input
Pin= -5dBm
Pin= 0dBm
one input
Pin= -5dBm
Pin= 0dBm
7.5
8
7
7.5
8
8.5
7.5
8
GHz
Ghz
Ghz
Ghz
Pout
Output power
-7
-4.5
dBm
Idd
Supply current
40
55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com