Electronic Components Datasheet Search
  English  ▼

X  

CND2050 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CND2050
Description  0.5-11.5 GHz Divide by 4 Static Prescaler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2050 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CND2050 Datasheet HTML 1Page - United Monolithic Semiconductors CND2050 Datasheet HTML 2Page - United Monolithic Semiconductors CND2050 Datasheet HTML 3Page - United Monolithic Semiconductors CND2050 Datasheet HTML 4Page - United Monolithic Semiconductors CND2050 Datasheet HTML 5Page - United Monolithic Semiconductors CND2050 Datasheet HTML 6Page - United Monolithic Semiconductors CND2050 Datasheet HTML 7Page - United Monolithic Semiconductors CND2050 Datasheet HTML 8Page - United Monolithic Semiconductors CND2050 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CND2050
0.5-10GHz frequency divider by 4
Ref. : DSCND20500257 -13-Sep.-00
2/9
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics (1)
Guaranteed electrical specifications at +25°C
Tested under configuration described in Fig.1 and Fig.2
Vdd = 5V , Vss = 0 ; Pin = 0 dBm ; Zo = 50
Ω
Symbol
Parameter
Min
Typ
Max
Unit
Fmin
Minimum input frequency
(Differential or single input)
0.5
GHz
Fmax
Maximum input frequency
differential input
single input
10
9
12
11
GHz
GHz
Pout
Minimum output power
(Differential or single input)
-5
-2
dBm
Guaranteed electrical specifications at +25°C
Tested under configuration described in Fig.1
Differential inputs ; Vss = 0 ; Pin = 0 dBm ; Zo = 50
Ω
Symbol
Parameter
Min
Typ
Max
Unit
Fmin
Minimum input frequency
Vdd = 3.3 to 5 V
0.5
GHz
Fmax
Maximum input frequency
Vdd = 5V
Vdd = 3.3V
10
9
12
11
GHz
GHz
Pout
Minimum output power
Vdd = 5V
Vdd =3.3V
-5
-10
-2
-7
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com