Electronic Components Datasheet Search
  English  ▼

X  

DBES105A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # DBES105A
Description  Flip-Chip Dual Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

DBES105A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  DBES105A Datasheet HTML 1Page - United Monolithic Semiconductors DBES105A Datasheet HTML 2Page - United Monolithic Semiconductors DBES105A Datasheet HTML 3Page - United Monolithic Semiconductors DBES105A Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DBES105a
RoHS COMPLIANT
Ref. : DSDBES105a6354 - 20 Dec 06
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Flip-Chip Dual Diode
GaAs Diode
Description
The DBES105a is a dual Schottky diode based
on a low cost 1µm stepper process including a
bump technology. The parasitic inductances are
reduced and result in a very high operating
frequency.
This flip-chip dual diode has been designed for
high performance mixer applications.
Main Features
■ High cut-off frequencies: 3THz
■ High breakdown voltage: < -5V@ 20µA
■ Good ideality factor: 1.2
■ Low parasitic inductances
■ Low cost technology
■ Dimensions : 0.53 x 0.23 x 0.1mm
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Typ
Unit
Wu
Gate Width
5
µm
Fco
Cut-off frequency
3
THz
n
Ideality factor
1.2
BVak
Anode-cathode break-down voltage
< -5
V
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
30
30
100
160
230
diameter 20


Similar Part No. - DBES105A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
DBES105A UMS-DBES105A Datasheet
94Kb / 4P
Flip-Chip Dual Diode
DBES105A UMS-DBES105A Datasheet
78Kb / 4P
Flip-Chip Dual Diode
DBES105A99F UMS-DBES105A99F Datasheet
78Kb / 4P
Flip-Chip Dual Diode
DBES105A99F00 UMS-DBES105A99F00 Datasheet
78Kb / 4P
Flip-Chip Dual Diode
DBES105A UMS-DBES105A_06 Datasheet
94Kb / 4P
Flip-Chip Dual Diode
More results

Similar Description - DBES105A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
AlGaAs Flip-Chip PIN Diode
MA4FCP200 MACOM-MA4FCP200 Datasheet
42Kb / 2P
Silicon Flip Chip PIN Diode
MA4FCP300 MACOM-MA4FCP300 Datasheet
110Kb / 4P
Silicon Flip Chip PIN Diode
MA4FCP305 MACOM-MA4FCP305 Datasheet
264Kb / 3P
Silicon Flip Chip PIN Diode
logo
United Monolithic Semic...
DBES105A UMS-DBES105A_06 Datasheet
94Kb / 4P
Flip-Chip Dual Diode
logo
M/A-COM Technology Solu...
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
Flip Chip PIN Diode
MA4FCP300 MA-COM-MA4FCP300 Datasheet
151Kb / 5P
Silicon Flip Chip PIN Diode
MA4GP907 MA-COM-MA4GP907 Datasheet
102Kb / 5P
GaAs Flip Chip PIN Diode
logo
United Monolithic Semic...
DBES105A UMS-DBES105A_09 Datasheet
78Kb / 4P
Flip-Chip Dual Diode
logo
Formosa MS
QRDM-CSP01 FORMOSA-QRDM-CSP01 Datasheet
905Kb / 1P
Flip Chip CSP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com