Electronic Components Datasheet Search
  English  ▼

X  

TS1GCF80 Datasheet(PDF) 33 Page - Transcend Information. Inc.

Part # TS1GCF80
Description  80X CompactFlash Card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GCF80 Datasheet(HTML) 33 Page - Transcend Information. Inc.

Back Button TS1GCF80 Datasheet HTML 29Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 30Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 31Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 32Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 33Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 34Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 35Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 36Page - Transcend Information. Inc. TS1GCF80 Datasheet HTML 37Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
33
port is addressed, the signal -IOIS16 is asserted by the CompactFlash Storage. Otherwise, the -IOIS16 signal
is de-asserted. When a 16 bit transfer is attempted, and the -IOIS16 signal is not asserted by the CompactFlash
Storage, the system shall generate a pair of 8 bit references to access the word‘s even byte and odd byte. The
CompactFlash Storage Card permits both 8 and 16 bit accesses to all of its I/O addresses, so -IOIS16 is
asserted for all addresses to which the CompactFlash Storage responds. The CompactFlash Storage Card may
request the host to extend the length of an input cycle until data is ready by asserting the -WAIT signal at the
start of the cycle.
Function Code
-REG
-CE2
-CE1
A0
-IORD
-IOWR
D15-D8
D7-D0
Standby Mode
X
H
H
X
X
X
High Z
High Z
Byte Input Access (8 bits)
L
L
H
H
L
L
L
H
L
L
H
H
High Z
High Z
Even-Byte
Odd-Byte
Byte Output Access (8 bits)
L
L
H
H
L
L
L
H
H
H
L
L
Don’t Care
Don’t Care
Even-Byte
Odd-Byte
Word Input Access (16 bits)
L
L
L
L
L
H
Odd-Byte
Even-Byte
Word Output Access (16 bits)
L
L
L
L
H
L
Odd-Byte
Even-Byte
I/O Read Inhibit
H
X
X
X
L
H
Don’t Care
Don’t Care
I/O Write Inhibit
H
X
X
X
H
L
High Z
High Z
High Byte Input Only (8 bits)
L
L
H
X
L
H
Odd-Byte
High Z
High Byte Output Only (8 bits)
L
L
H
X
H
L
Odd-Byte
Don’t Care
4.8 Common Memory Transfer Function
The Common Memory transfer to or from the CompactFlash Storage can be either 8 or 16 bits.
Table: Common Memory Function
Function Code
-REG
-CE2
-CE1
A0
-OE
-WE
D15-D8
D7-D0
Standby Mode
X
H
H
X
X
X
High Z
High Z
Byte Read Access (8 bits)
H
H
H
H
L
L
L
H
L
L
H
H
High Z
High Z
Even-Byte
Odd-Byte
Byte Write Access (8 bits)
H
H
H
H
L
L
L
H
H
H
L
L
Don’t Care
Don’t Care
Even-Byte
Odd-Byte
Word Read Access (16 bits)
H
L
L
X
L
H
Odd-Byte
Even-Byte
Word Write Access (16 bits)
H
L
L
X
H
L
Odd-Byte
Even-Byte
Odd Byte Read Only (8 bits)
H
L
H
X
L
H
Odd-Byte
High Z
Odd Byte Write Only (8 bits)
H
L
H
X
H
L
Odd-Byte
Don’t Care
4.9 True IDE Mode I/O Transfer Function
Table: PCMCIA Mode I/O Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com