Electronic Components Datasheet Search
  English  ▼

X  

TS1GDOM44H Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS1GDOM44H
Description  44-Pin IDE Flash Module(Horizontal)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM44H Datasheet(HTML) 7 Page - Transcend Information. Inc.

  TS1GDOM44H Datasheet HTML 1Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 2Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 3Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 4Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 5Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 6Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 7Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 8Page - Transcend Information. Inc. TS1GDOM44H Datasheet HTML 9Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
1
1
12
2
28
8
8M
M
M ~
~
~ 4
4
4G
G
GB
B
B
Transcend Information Inc.
Ver 1.2
7
This is the 3-bit binary coded Address Bus.
35, 33, 36
DA0 ~ DA2 (Device
Address)
I
-PDIAG (Passed
diagnostics)
34
-CBLID (Cable assembly
type identifier)
I/O
This signal will be asserted by Device 1 to indicate to
Device 0 that Device 1 has completed diagnostics.
37, 38
-CS0, -CS1 (Chip select)
I
These signals are used to select the Command Block
and Control Block registers. When –DMACK is asserted,
-CS0 and –CS1 shall be negated and transfers shall be
16-bit wide.
During the reset protocol, -DASP shall be asserted by
Device 1 to indicate that the device is present.
39
-DASP (Device active,
Device 1 present)
I/O
41, 42
VCC
P
Power supply.
2, 19, 22, 24, 26, 30,
40, 43
GND
-
Ground.
* Note:
“I”
An input from the host system to the device.
“O”
An output from the device to the host system.
“I/O”
An input/output (bi-direction) common.
“P”
Power supply.
Block Diagram
IDE
Flash Disk
Controller
Flash Memory
D0 – D7
-CE0
-CE1
-WE…-RE
Flash Memory
D0 – D7
-CE0
-CE1
-WE…-RE
D00 ~ D07
D10 ~ D17
-CE0, -CE2…
-CE1, -CE3…
Data bus
Control
Signal
Power
Others



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com