Electronic Components Datasheet Search
  English  ▼

X  

TS4GSDMHC Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS4GSDMHC
Description  4GB High Capacity miniSD Card
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDMHC Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS4GSDMHC Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDMHC Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
m
m
miiin
n
niiiS
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4GB High Capacity miniSD Card
Transcend Information Inc.
1
Description
Transcend High Capacity miniSD Card series are
specifically designed to meet the High Capacity, High
Definition Audio and Video requirement for the latest
Digital Cameras, DV Recorders, Mobile Phones, etc,.
The new defined Speed Class enables the host to
support AV applications to perform real time
recording to the miniSD memory card.
Placement
Front
Back
Features
• ROHS compliant product.
• Card Lid material: PC (comply with UL94,Flame
Class:HB)
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Durability: 10,000 insertion/removal cycles
• Compatible with SD Specification Ver. 2.0
• Comply with SD File System Specification Ver. 2.0
• Mechanical Write Protection Switch
• Supports Speed Class Specification Class 2
9
1
2
3 10 11
4
5
6
7
8
• Supports Copy Protection for Recorded Media(CPRM) for
SD-Audio
• Seamless compatibility with SDMI-compliant digital audio
devices
• Form Factor: 21.5mm x 20mm x 1.4mm
Pin Definition
Pin
No.
Name
Type
Description
1
CD/DAT3 I/O/PP
3 Card Detect/Data Line [Bit3]
2
CMD
PP
Command/Response
3
VSS1
S
Supply voltage ground
4
VDD
S
Supply voltage
5
CLK
I
Clock
6
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP Data Line [Bit0]
8
DAT1
I/O/PP Data Line [Bit1]
9
DAT2
I/O/PP Data Line [Bit2]
10
NC
4
I/O/PP For Future Use
11
NC
4
I/O/PP For Future Use


Similar Part No. - TS4GSDMHC

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
4GB 150X High Capacity Secure Digital Card
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
SDHC Memory Card Reader P2
More results

Similar Description - TS4GSDMHC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
SD, MMC & miniSD
logo
Molex Electronics Ltd.
47457-8001 MOLEX-47457-8001 Datasheet
129Kb / 2P
miniSD Memory Card Connector
logo
Transcend Information. ...
TS128MSDM80 TRANSCEND-TS128MSDM80 Datasheet
211Kb / 8P
128M~2GB miniSD Memory Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
4GB 150X High Capacity Secure Digital Card
TS16GUSDHC6 TRANSCEND-TS16GUSDHC6 Datasheet
596Kb / 26P
16GB High Capacity microSD Card
TSXGUSDHC21 TRANSCEND-TSXGUSDHC21 Datasheet
635Kb / 25P
High Capacity microSD Card
MICROSDHC TRANSCEND-MICROSDHC Datasheet
504Kb / 25P
High Capacity microSD Card
logo
Yamaichi Electronics Co...
NMS011-2500-1 YAMAICHI-NMS011-2500-1 Datasheet
168Kb / 2P
miniSD Card Reader - Push / Push (Reversed Type)
NMS011-2600-1 YAMAICHI-NMS011-2600-1 Datasheet
158Kb / 2P
miniSD Card Reader - Push/Push (Top Mount)
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com