Electronic Components Datasheet Search
  English  ▼

X  

TS4GCF133 Datasheet(PDF) 39 Page - Transcend Information. Inc.

Part # TS4GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GCF133 Datasheet(HTML) 39 Page - Transcend Information. Inc.

Back Button TS4GCF133 Datasheet HTML 35Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 36Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 37Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 38Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 39Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 40Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 41Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 42Page - Transcend Information. Inc. TS4GCF133 Datasheet HTML 43Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
39
I/O Transfer Function
The I/O transfer to or from the CompactFlash Storage can be either 8 or 16 bits. When a 16 bit accessible port
is addressed, the signal -IOIS16 is asserted by the CompactFlash Storage. Otherwise, the -IOIS16 signal is
de-asserted. When a 16 bit transfer is attempted, and the -IOIS16 signal is not asserted by the CompactFlash
Storage, the system shall generate a pair of 8 bit references to access the word‘s even byte and odd byte. The
CompactFlash Storage Card permits both 8 and 16 bit accesses to all of its I/O addresses, so -IOIS16 is
asserted for all addresses to which the CompactFlash Storage responds. The CompactFlash Storage Card
may request the host to extend the length of an input cycle until data is ready by asserting the -WAIT signal at
the start of the cycle.
Table : PCMCIA Mode I/O Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com