Electronic Components Datasheet Search
  English  ▼

X  

TS2GMP330 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GMP330
Description  Built-in USB connector And Line-in Recording
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GMP330 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GMP330 Datasheet HTML 1Page - Transcend Information. Inc. TS2GMP330 Datasheet HTML 2Page - Transcend Information. Inc. TS2GMP330 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TS2G/4G/8GMP330
2
Description
Features
y
Vivid all-white OLED display
Slim, lightweight and portable
Removable sport clip
Built-in full-size USB 2.0 connector for fast data transfer and storage
Works like a USB flash drive
Built-in microphone with VAD (Voice Activity Detection) technology
Direct line-in recording
Superb audio playback quality (over 90dB SNR)
Supports MP3, WMA, WMA-DRM10 (subscription music), FLAC and WAV music
files
Recordable FM Radio with 20 station presets
Karaoke-style synchronized lyrics display
7 equalizer effects, including a customizable USER EQ setting
A-B repeat allows continuous replay of a designated section of a track
Variable track playback speeds
Supports 14 languages including menus, song/album title, artist name and lyrics
Custom Playlist Builder
Power-saving screen savers and auto-shutoff function
Internal Li-polymer battery provides over 12 hours of continuous music playback*
Adjustable sleep timer
Time and date display
Two-year warranty
* Max. playback time achieved with screen saver set to “10-Sec/Blank” and “Lyrics
Sync” disabled.
If you need a stylish value-added music player for all
occasions, look no further than Transcend’s MP330.
About the same size and weight as a disposable
lighter, the MP330 is a versatile combination digital
music player / portable storage device that boasts an
impressive collection of useful functions.
Featuring a built-in USB connector, the MP330
operates just like a USB flash drive, making file
transfer easier than ever. Its versatile feature set
includes a line-in music recorder, an A-B repeat
mode, and variable playback speeds that can be
excellent tools for reviewing important meetings,
foreign language lessons, or academic lectures. Other
features include a recordable FM radio, voice recorder
and a full-screen clock.
With its smooth rounded design, Transcend’s feature-
rich MP330 digital music player makes it easy to enjoy
music with superb audio playback quality while on the
go, plus it lets you store data just like a USB flash
drive.
Built-in USB connector
And Line-in Recording
2GB / 8GB (White)
4GB (Black)


Similar Part No. - TS2GMP330

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
2GB/4GB USB Flash Drive
More results

Similar Description - TS2GMP330

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
Recording and Playback IC with Built-in 2-Mbit DRAM
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
Recording amplifier with built-in ALC for headphone stereos
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
List of Unclassifed Man...
OMNI500ISO ETC2-OMNI500ISO Datasheet
499Kb / 6P
OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI750ISO ETC2-OMNI750ISO Datasheet
501Kb / 6P
OmniSmart 750VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI1000ISO ETC2-OMNI1000ISO Datasheet
502Kb / 6P
OmniSmart 1000VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
Built-in AC Line CC Compensation
logo
Tripp Lite. All Rights ...
U338-06N TRIPPLITE-U338-06N Datasheet
179Kb / 4P
USB 3.0 SuperSpeed to SATA/IDE Adapter with Built-In USB Cable, 2.5 in., 3.5 in. and 5.25 in. Hard Drives
logo
Advantech Co., Ltd.
BB-USO9ML4 ADVANTECH-BB-USO9ML4 Datasheet
257Kb / 2P
In-line USB Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com