Electronic Components Datasheet Search
  English  ▼

X  

US1050-33CD Datasheet(PDF) 3 Page - UNISEM

Part # US1050-33CD
Description  5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1050-33CD Datasheet(HTML) 3 Page - UNISEM

  US1050-33CD Datasheet HTML 1Page - UNISEM US1050-33CD Datasheet HTML 2Page - UNISEM US1050-33CD Datasheet HTML 3Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US1050-33
2-35
Rev. 1.1
10/27/00
APPLICATION INFORMATION
APPLICATION INFORMATION
Stability
The US1050-33 requires the use of an output capacitor
as part of the frequency compensation in order to make
the regulator stable. Typical designs for microproces-
sor applications use standard electrolytic capacitors with
a typical ESR in the range of 50 to 100 m
Ω and an
output capacitance of 500 to 1000uF. Fortunately as
the capacitance increases, the ESR decreases result-
ing in a fixed RC time constant. The US1050-33 takes
advantage of this phenomena in making the overall regu-
lator loop stable.For most applications a minimum of
100uF aluminum electrolytic capacitor such as Sanyo
MVGX series ,Panasonic FA series as well as the
Nichicon PL series insures both stability and good tran-
sient response.
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
1
Gnd
This pin must be connected to GND plane using a low inductance short connection.
2
Vout
The output of the regulator. A minimum of 10uF capacitor must be connected
from this pin to ground to insure stability.
3
Vin
The input pin of the regulator. Typically a large storage capacitor is connected
from this pin to ground to insure that the input voltage does not sag below the
minimum drop out voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to regulate properly.
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US1050-33
Vin 3
1050-33blk1-1.0
1
Gnd
2 Vout
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com