Electronic Components Datasheet Search
  English  ▼

X  

DBCCDF09 Datasheet(PDF) 1 Page - Dubilier

Part # DBCCDF09
Description  D TYPE CONNECTORS LOW COST
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCCDF09 Datasheet(HTML) 1 Page - Dubilier

  DBCCDF09 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
256
OUTLINE DRAWING
D TYPE CONNECTORS LOW COST
SPECIFICATION
ORDERING INFORMATION
A
B
C
D
9 WAY
16.30
25.00
30.80
19.20
15 WAY
24.60
33.30
39.20
27.70
25 WAY
38.30
47.10
53.10
41.10
37 WAY
54.80
63.50
69.40
57.30
50 WAY
52.20
61.00
67.00
55.10
Dimension-mm(Female)
Dimension-mm(Male)
9, 15, 25, 37 or 50 way
Selective Gold Plated Contacts (sold separately)
Stamped & Formed Contacts
Tin Plated Metal Housing
Current Rating - 5Amps
Low cost
Material:
Insulator:
PBT+30%GlassFibre
UL94V-0
Pin contacts:
PhosphorBronze
GoldPlated
Shell:
Steel,SPCC
NickelandTinPlated
Electrical Data:
Rated Voltage:
350VAC
Rated Current:
5A
Withstand Voltage:
500VAC(rms)
Insulation Resistance:
Over1000MΩ
Contact Resistance:
5MΩat1A
Temperature:
-20°Cto100°C
DBC
Dubilier
Connectors
CD
Series
CrimpContact
Housing
M
ContactType
M=Male(plug)
F=Female(socket)
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
50=50ways
09
DBC
Dubilier
Connectors
CD
Series
CrimpContact
M
ContactType
M=Male(plug)
F=
Female(socket)
Pin
PIN
10.8±.15
17.5±.15
2.84±.15
C±.2
B±.2
A±.2
7.0±.15
2.77±.0.5
D±.2
6.0±.15
ø3.2*2
12.5±.15
10.8±.15
17.5±.15
2.84±.15
C±.2
B±.2
A±.2
7.0±.15
2.77±.0.5
D±.2
6.0±.15
ø3.2*2
12.5±.15
10.8±.15
17.5±.15
2.84±.15
C±.2
B±.2
A±.2
7.0±.15
2.77±.0.5
D±.2
6.0±.15
ø3.2*2
12.5±.15
A
B
C
D
9 WAY
16.92
25.00
30.80
19.20
15 WAY
25.25
33.30
39.20
27.70
25 WAY
38.96
47.10
53.10
41.10
37 WAY
55.42
63.50
69.40
57.30
50 WAY
52.81
61.00
67.00
55.10
Housing
Contacts
Options
Blank=Taped
&Reeled
A=Loose
XX
Options
Blank=28/24AWG
1=24/20AWG
XX
D CONNECTORS - CRIMP PIN


Similar Part No. - DBCCDF09

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCCH2.54D10 DUBILIER-DBCCH2.54D10 Datasheet
102Kb / 1P
BOARD TO WIRE CONNECTORS SINGLE & DOUBLE ROW 2.54mm
DBCCH2.54D2 DUBILIER-DBCCH2.54D2 Datasheet
102Kb / 1P
BOARD TO WIRE CONNECTORS SINGLE & DOUBLE ROW 2.54mm
DBCCH2.54S10 DUBILIER-DBCCH2.54S10 Datasheet
102Kb / 1P
BOARD TO WIRE CONNECTORS SINGLE & DOUBLE ROW 2.54mm
DBCCH2.54S2 DUBILIER-DBCCH2.54S2 Datasheet
102Kb / 1P
BOARD TO WIRE CONNECTORS SINGLE & DOUBLE ROW 2.54mm
More results

Similar Description - DBCCDF09

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G Datasheet
307Kb / 1P
D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCHDFCD26 DUBILIER-DBCHDFCD26 Datasheet
138Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY CRIMP PIN
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCHDFSR26G DUBILIER-DBCHDFSR26G Datasheet
208Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY PCB RIGHT ANGLE
DBCIDCDM09SA1P DUBILIER-DBCIDCDM09SA1P Datasheet
127Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - IDC
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G_11 Datasheet
296Kb / 1P
D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCHDFSB26S DUBILIER-DBCHDFSB26S_11 Datasheet
617Kb / 4P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
logo
Omega Engineering, Inc.
SM-SERIES OMEGA-SM-SERIES Datasheet
351Kb / 2P
Sub-D Type Connectors Low Cost Crimp-Style
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com