Electronic Components Datasheet Search
  English  ▼

X  

US1207CS Datasheet(PDF) 4 Page - UNISEM

Part # US1207CS
Description  1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1207CS Datasheet(HTML) 4 Page - UNISEM

  US1207CS Datasheet HTML 1Page - UNISEM US1207CS Datasheet HTML 2Page - UNISEM US1207CS Datasheet HTML 3Page - UNISEM US1207CS Datasheet HTML 4Page - UNISEM US1207CS Datasheet HTML 5Page - UNISEM US1207CS Datasheet HTML 6Page - UNISEM US1207CS Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2-4
Rev. 1.1
6/26/00
US1206/1207/1208/1209
TYPICAL APPLICATION
TYPICAL APPLICATION
Ref Desig
Description
Qty
Part #
Manuf
C1
Capacitor
1
10uF, Tantalum
AVX
C2
Capacitor
1
10uF, Tantalum
AVX
Figure 1- Typical application of US1206
Vin
Vout
C1
C2
1206app1-1.0
US1206-XX
1
2
3
Vin
Gnd
Vout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com