Electronic Components Datasheet Search
  English  ▼

X  

US3010CW Datasheet(PDF) 2 Page - UNISEM

Part # US3010CW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3010CW Datasheet(HTML) 2 Page - UNISEM

  US3010CW Datasheet HTML 1Page - UNISEM US3010CW Datasheet HTML 2Page - UNISEM US3010CW Datasheet HTML 3Page - UNISEM US3010CW Datasheet HTML 4Page - UNISEM US3010CW Datasheet HTML 5Page - UNISEM US3010CW Datasheet HTML 6Page - UNISEM US3010CW Datasheet HTML 7Page - UNISEM US3010CW Datasheet HTML 8Page - UNISEM US3010CW Datasheet HTML 9Page - UNISEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4-2
Rev. 1.1
5/18/98
US3010/3010A
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Unless otherwise specified ,these specifications apply over ,V12 = 12V, V5 = 5V and Ta=0 to 70
°C. Typical values
refer to Ta =25
°C. Low duty cycle pulse testing are used which keeps junction and case temperatures equal to the
ambient temperature.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
V5 supply Voltage
........................................... 7V
V12 Supply Voltage ............................................ 20V
Storage Temperature Range ................................. -65 TO 150
°C
Operating Junction Temperature Range .......... 0 TO 125
°C
PACKAGE INFORMATION
PACKAGE INFORMATION
20 PIN WIDE BODY PLASTIC SOIC (W)
θJA=85°C/W
4
3
2
1
7
6
5
18
19
20
TOP VIEW
11
13
12
14
10
15
9
16
8
17
D0
D1
D2
D3
Vfb
En
SS
V12
LDrv
Ct
V5
OVP
PGd
CS-
CS+
NC
HDrv
NC
Gnd
D4
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VID Section
DAC output voltage
0.99Vs
Vs
1.01Vs
V
(note 1)
DAC Output Line Regulation
0.1
%
DAC Output Temp Variation
0.5
%
VID Input LO
0.4
V
VID Input HI
2
V
VID input internal pull-up
27
k
Ω
resistor to V5
Power Good Section
Under voltage lower trip point
Vout ramping down
0.89Vs
0.90Vs
0.91Vs
V
Under voltage upper trip point
Vout ramping up
0.92Vs
V
UV Hysterises
.015Vs
.02Vs
.025Vs
V
Over voltage upper trip point
Vout ramping up
1.09Vs
1.10Vs
1.11Vs
V
Over voltage lower trip point
Vout ramping down
1.08Vs
V
OV Hysterises
.015Vs
.02Vs
.025Vs
V
Power Good Output LO
RL=3mA
0.4
V
Power Good Output HI
RL=5K pull up to 5V
4.8
V
Soft Start Section
Soft Start Current
CS+ =0V , CS- =5V
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com