Electronic Components Datasheet Search
  English  ▼

X  

US3022 Datasheet(PDF) 2 Page - UNISEM

Part # US3022
Description  4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3022 Datasheet(HTML) 2 Page - UNISEM

  US3022 Datasheet HTML 1Page - UNISEM US3022 Datasheet HTML 2Page - UNISEM US3022 Datasheet HTML 3Page - UNISEM US3022 Datasheet HTML 4Page - UNISEM US3022 Datasheet HTML 5Page - UNISEM US3022 Datasheet HTML 6Page - UNISEM US3022 Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-2
Rev. 1.0
11/2/99
US3022
ELECTRICAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
V5 supply Voltage
........................................... 7V
V12 Supply Voltage ............................................ 20V
Storage Temperature Range ................................. -65 TO 150
°C
Operating Junction Temperature Range .......... 0 TO 125
°C
PACKAGE INFORMATION
PACKAGE INFORMATION
28 PIN WIDE BODY PLASTIC SOIC (W)
θJA=80°C/W
Unless otherwise specified ,these specifications apply over ,V12 = 12V, V5 = 5V and Ta=0 to 70
°C. Typical values
refer to Ta =25
°C. Low duty cycle pulse testing are used which keeps junction and case temperatures equal to the
ambient temperature.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Supply UVLO Section
UVLO Threshold-12V
Supply ramping up
10
V
UVLO Hysterises-12V
0.6
V
UVLO Threshold-5V
Supply ramping up
4.4
V
UVLO Hysterises-5V
0.3
V
Supply Current
Operating Supply Current
V12
6
mA
V5
30
Switching Controllers; Vcore (Vsen 1) and AGP (Vsen 2)
VID Section (Vcore only)
DAC output voltage (note 1)
0.99Vs
Vs
1.01Vs
V
DAC Output Line Regulation
0.1
%
DAC Output Temp Variation
0.5
%
VID Input LO
0.8
V
VID Input HI
2
V
VID input internal pull-up
resistor to V5
27
k
Ω
Vsen2 Voltage
Select<0.8V
1.5
V
Select>2V
3.3
V
4
3
2
1
25
26
27
28
14
7
6
5
15
22
23
24
TOP VIEW
13
16
12
17
11
18
10
19
9
20
8
21
Drive2
Vsen5
Vref
VID3
VID2
VID1
VID0
PGood
Vsen2
Drive5
Select
SS
Fault / Rt
Vsen4
Drive4
Vaux
Gnd
Drive3
Vsen3
V5
Fb
Vsen1
OCSet
PGnd
LGate
Phase
UGate
V12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com