Electronic Components Datasheet Search
  English  ▼

X  

DBCFH12 Datasheet(PDF) 1 Page - Dubilier

Part # DBCFH12
Description  FUSEHOLDER PANEL MOUNTING FUSEHOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCFH12 Datasheet(HTML) 1 Page - Dubilier

  DBCFH12 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
305
37.5
ø15
Fuse
12.7±0.1
DBCFH12
ø22
6.5
2
FUSEHOLDER
PANEL MOUNTING FUSEHOLDERS
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Snap fit panel mounting
Screw driver release fuse carrier
Combined solder / 2.8mm quick connect terminals
Anti-rotation fixing D fixing
DBC
FH
12
Dubilier
Connectors
Series
FuseHolder
Style
12
Rating:
6.3A/250V
Contacts/Resistance:
TinnedNickelplatedBrass/<5mΩ
Insulation Resistance:
>102MΩ
Mouldings:
UL94-V0flameretardantpolyamide
Power dissipation:
2.5W
Approvals:
SEMKO,UL,CSA,CE


Similar Part No. - DBCFH12

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH1-3 DUBILIER-DBCFH1-3 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1-4 DUBILIER-DBCFH1-4 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1-5 DUBILIER-DBCFH1-5 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH10 DUBILIER-DBCFH10 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
DBCFH11 DUBILIER-DBCFH11 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
More results

Similar Description - DBCFH12

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH3 DUBILIER-DBCFH3 Datasheet
93Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH9 DUBILIER-DBCFH9 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
DBCFH13 DUBILIER-DBCFH13 Datasheet
91Kb / 1P
FUSEHOLDER INLINE FUSEHOLDERS
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Littelfuse
868-900-010RM LITTELFUSE-868-900-010RM Datasheet
148Kb / 1P
Blade Fuseholders - Stackable Panel Mount Fuseholder
logo
CamdenBoss Ltd.
CFH04 CAMDENBOSS-CFH04 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH05 CAMDENBOSS-CFH05 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH08 CAMDENBOSS-CFH08 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH09 CAMDENBOSS-CFH09 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com