Electronic Components Datasheet Search
  English  ▼

X  

US431ALCL Datasheet(PDF) 1 Page - UNISEM

Part # US431ALCL
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US431ALCL Datasheet(HTML) 1 Page - UNISEM

  US431ALCL Datasheet HTML 1Page - UNISEM US431ALCL Datasheet HTML 2Page - UNISEM US431ALCL Datasheet HTML 3Page - UNISEM US431ALCL Datasheet HTML 4Page - UNISEM US431ALCL Datasheet HTML 5Page - UNISEM US431ALCL Datasheet HTML 6Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
US431L/431AL
2-1
Rev. 1.2
5/11/98
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US431L product is a 3 terminal adjustable shunt
regulator that can also be used as a precision voltage
reference. Its output voltage may be set to any value
between Vref(1.24V) and 6V with two external resistors
as shown in the typical application circuit. Other appli-
cations of this device include the use as a merged am-
plifier and reference in applications such as Linear regu-
lator or as the secondary side controller in low voltage
power supply applications. The US431L only requires
80uA maximum quiescent current before regulating,
making it ideal as a voltage reference for battery type
applications.
LOW -VOLTAGE ADJUSTABLE
PRECISION SHUNT REGULATOR
FEATURES
FEATURES
SOT23-5 package
0.5% Voltage Reference Initial Accuracy
(US431AL)
Low Operational Cathode Current
(80 uA max)
Unconditionally Stable with only 1uF
Adjustable Output from 1.24V to 6V
0.25
Ω Typical Output Impedance
Pin to Pin Compatible with TLV431
APPLICATIONS
APPLICATIONS
Precision Voltage Reference
Linear Regulator Controller
Secondary Side Controller for the Low Voltage
Power Supply Applications
PRELIMINARY DATASHEET
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Ta (°C)
5 LEAD
3 PIN PLASTIC
8 PIN PLASTIC
SOT23-5
TO-92
SOIC
0 TO 70
US431LCL
US431LCZ
US431LCS
0 TO 70
US431ALCL
US431ALCZ
US431ALCS
431app1-1.0
R2
Co
R1
US431
V
RB
IN
VO
Typical application of the US431L as a shunt regulator / voltage reference.
Vo
Vref
R
R
=
×
+


1
1
2


Similar Part No. - US431ALCL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US40 MICROSEMI-US40 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Asahikeiki Co.,Ltd.
US415 ASAHI-US415 Datasheet
83Kb / 1P
Temperature variable type
logo
Microsemi Corporation
US45A MICROSEMI-US45A Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651SG-S08-R UTC-US4651SG-S08-R Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - US431ALCL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com