Electronic Components Datasheet Search
  English  ▼

X  

TLRH50TF Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLRH50TF
Description  TOSHIBA InGaA?밣 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH50TF Datasheet(HTML) 3 Page - Marktech Corporate

  TLRH50TF Datasheet HTML 1Page - Marktech Corporate TLRH50TF Datasheet HTML 2Page - Marktech Corporate TLRH50TF Datasheet HTML 3Page - Marktech Corporate TLRH50TF Datasheet HTML 4Page - Marktech Corporate TLRH50TF Datasheet HTML 5Page - Marktech Corporate TLRH50TF Datasheet HTML 6Page - Marktech Corporate TLRH50TF Datasheet HTML 7Page - Marktech Corporate TLRH50TF Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLRH50T(F),TLSH50T(F),TLOH50T(F),TLYH50T(F)
2006-12-5
3
Maximum Ratings (Ta = 25°C)
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRH50T(F)
630
(644)
13
20
850
2000
20
1.9
2.4
20
50
4
TLSH50T(F)
613
(623)
13
20
2720
4700
20
2.0
2.4
20
50
4
TLOH50T(F)
605
(612)
13
20
1530
5800
20
2.0
2.4
20
50
4
TLYH50T(F)
587
(590)
13
20
1530
4400
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
µA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(Soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage Temperature
Tstg (°C)
TLRH50T(F)
TLSH50T(F)
TLOH50T(F)
TLYH50T(F)
50
4
120
−40~100
−40~120
Preliminary



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com