Electronic Components Datasheet Search
  English  ▼

X  

MAX4451 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4451
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4451 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4451 Datasheet HTML 2Page - Maxim Integrated Products MAX4451 Datasheet HTML 3Page - Maxim Integrated Products MAX4451 Datasheet HTML 4Page - Maxim Integrated Products MAX4451 Datasheet HTML 5Page - Maxim Integrated Products MAX4451 Datasheet HTML 6Page - Maxim Integrated Products MAX4451 Datasheet HTML 7Page - Maxim Integrated Products MAX4451 Datasheet HTML 8Page - Maxim Integrated Products MAX4451 Datasheet HTML 9Page - Maxim Integrated Products MAX4451 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +2.5V, AVCL = +1V/V, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)
20ns/div
INPUT
1V/div
INPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
RF = 500
Ω
AVCL = +2V/V
1
10k
100
10
1k
100k
1M
10M
VOLTAGE NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
RL = 100
Ω
9
11
10
13
12
15
14
16
0
200
100
300
400
50
250
150
350
450 500
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
LARGE SIGNAL (VOUT = 2VP-P)
SMALL SIGNAL
(VOUT = 100mVP-P)
0
50
100
150
200
250
300
0200
100
300 400 500 600 700 800
SMALL-SIGNAL BANDWIDTH
vs. LOAD RESISTANCE
RLOAD (
Ω)
80
0
100
1k
10k
OPEN-LOOP GAIN vs. RESISTIVE LOAD
20
10
RLOAD (
Ω)
40
30
50
60
70
1
10k
100
10
1k
100k
1M
10M
CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
RL = 100
Ω
MAX4451
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-140
-80
-100
-120
-60
-40
-20
0
20
40
60
0.1M
1M
10M
100M
1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com