Electronic Components Datasheet Search
  English  ▼

X  

350010 Datasheet(PDF) 1 Page - Lumberg

Part # 350010
Description  RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

350010 Datasheet(HTML) 1 Page - Lumberg

  350010 Datasheet HTML 1Page - Lumberg 350010 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RAST-2.5-Führungsrahmen
3501: für Innenverrastung
3500: mit Verriegelungslasche
1. Temperaturbereich
-40 °C/+130 °C
2. Werkstoffe
Kontaktträger
PBT, V0 nach UL 94
3. Mechanische Daten
Verrastung auf
Leiterplatte 1,5 ± 0,14 mm
Verwendung mit
3501
Steckverbindern 3520, 3520-1, 3520-2,
3522, 3522-1, 3522-2, Steckverbindern
nach RAST-2,5-Standard
3500
Steckverbindern 3521, 3521-2, 3523,
3523-2, 3570, Steckverbindern nach
RAST-2,5-Standard
Kodiervorschläge im Internet unter www.lumberg.com
3501
3500
3501
3500
*a Prüfabgriff
test hole
prise de test
*b Kodierung
keying
codage
*c Leiterplattenbeispiel
example for printed circuit board
exemple de carte imprimée
*d Positionen für zusätzliche Rastfenster (siehe Tabelle)
positions of additional locking windows (see table)
positions de fenêtres de verrouillage additionels (voir table)
Verpackung: lose im Karton
Packaging: in bulk, in a cardboard box
Emballage: en vrac, dans un carton
®
www.lumberg.com
11/2009
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
RAST 2.5 connectors, pitch 2.5/5.0 mm
Connecteurs RAST 2.5, pas 2,5/5,0 mm


Similar Part No. - 350010

ManufacturerPart #DatasheetDescription
logo
Lumberg
350010 LUMBERG-350010 Datasheet
368Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 350010

ManufacturerPart #DatasheetDescription
logo
Lumberg
3510 LUMBERG-3510 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3518 LUMBERG-3518 Datasheet
283Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3520 LUMBERG-3520 Datasheet
122Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3542 LUMBERG-3542 Datasheet
94Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3554 LUMBERG-3554 Datasheet
91Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3557 LUMBERG-3557 Datasheet
91Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
83545 LUMBERG-83545 Datasheet
100Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
355299 LUMBERG-355299 Datasheet
763Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com