Electronic Components Datasheet Search
  English  ▼

X  

SW410 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW410
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW410 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW410 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.6A
3.0A
2.0A
1.0A
0.4A
0.2A
0.1A
0.05A
3.40
4.60
3.80
4.00
4.20
4.40
3.60
3.20
3.00
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
2.60
2.80
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
1.0 AH
0.92AH
0.85AH
0.6 AH
1.5 hour discharge to 5.25 V
Full charged Battery at 25 (77 )
0.43 A
45 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T89
Initial Charging Current less than 0.4A
Voltage 4.8-4.9 V
Voltage 4.5-4.6 V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
3.20V
3.40V
3.50V
3.60V
3.70V
20 hour rate(0.05A)
10 hour rate(0.92A)
5 hour rate(0.17A)
1 hour rate(0.6A)
SW410(4V1.0AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
4V
1.0Ah
46.5mm (1.83inches)
46.5mm (1.83inches)
30mm (1.20 inches)
37.2mm (1.46inches)
0.125Kg (0.28lbs)


Similar Part No. - SW410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SW410-ND TI-SW410-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
logo
Shenzhen Sunnyway Batte...
SW4100 SUNNYWAY-SW4100 Datasheet
369Kb / 1P
General Battery
More results

Similar Description - SW410

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com