Electronic Components Datasheet Search
  English  ▼

X  

ADAM-4012 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4012
Description  Thermocouple Input Module Analog Input Module RTD Input Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4012 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4012 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-4012 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Remote DA&C Modules
13-14
Thermocouple Input Module
Analog Input Module
RTD Input Module
Specifications
General
Power Consumption
0.7 W @ 24 V
DC
Analog Input
Input Connections
2, 3 or 4 wire
Input Impedance
2 M
Ω
Input Type
Pt or Ni RTD
NMR @ 50/60 Hz
100 dB
RTD Types and Temperature Ranges
IEC RTD 100 ohms
Pt
-100° C
to
+100° C
a = 0.00385
Pt
0° C
to
+100° C
a = 0.00385
Pt
0° C
to
+200° C
a = 0.00385
Pt
0° C
to
+600° C
a = 0.00385
JIS RTD 100 ohms
Pt
-100° C
to
+100° C
a = 0.003916
Pt
0° C
to
+100° C
a = 0.003916
Pt
0° C
to
+200° C
a = 0.003916
Pt
0° C
to
+600° C
a = 0.003916
Ni RTD
Ni
-80° C
to
+100° C
Ni
0° C
to
+100° C
Sampling Rate
10 samples/sec.
Span Drift
±25 ppm/° C
Zero Drift
±3 µV/° C
Specifications
General
Power Consumption
1.2 W @ 24 V
DC
Analog Input
Input Impedance
Voltage: 2 M
Ω
Current: 125
Ω
(Added by users)
Input Types
mV, V or mA
Input Range
±150 mV, ±500 mV, ±1
V, ±5 V, ±10 V and ±20
mA
NMR @ 50/60 Hz
100 dB
Span Drift
±25 ppm/° C
Zero Drift
±6 µV/° C
Digital Input
Channels
1
logic level 0: +1 V max.
logic level 1: 3.5 ~ 30 V
pull up current: 0.5 mA,
10 k
Ω resistor to +5 V
Event Counter
Max. input freq.: 50 Hz
Min. input pulse width:
1 msec.
Digital Output
Channels
2, open collector to 30
V, 30 mA max. load
Power Dissipation
300 mW
ADAM-4011/4011D
ADAM-4012
ADAM-4013
ADAM-4012
ADAM-4013
Specifications
General
LED Indicators
5-digit (ADAM-4011D)
Power Consumption
1.2 W @ 24 V
DC
Analog Input
Input Impedance
Voltage: 2 M
Ω
Current: 125
Ω
(Added by users)
Input Types
T/C, mV, V or mA
Input Range
±15 mV, ±50 mV, ±100
mV, ±500 mV, ±1 V,
±2.5 V, ±20 mA
T/C Type and Temperature Range
J
0 ~ 760° C
R 500 ~1750° C
K
0 ~ 1370° C
S 500 ~1750° C
T
-100 ~ 400° C
B 500 ~1800° C
E
0 ~ 1000° C
Input Surge Protection Yes
NMR @ 50/60 Hz
100 dB
Sampling Rate
10 samples/sec.
Span Drift
±25 ppm/° C
Zero Drift
±3 µV/° C
Digital Input
Channels
1
Logic levels 0: 1 V max.
1: 3.5~30 V
Pull up current: 0.5 mA, 10 k
Ω resistor to +5 V
Event Counter
Max. input freq: 50 Hz
Digital Output
Channels
2, open collector to
30 V, 30 mA max. load
Power Dissipation
300 mW
ADAM-4011/4011D
Common Specification
General
Dimensions (WxHxD)
70 x 122 x 30 mm
Enclosure
ABS +PC
Mounting
DIN 35 rail, stack, wall
Power Input
Unregulated 10~30 V
DC
Watchdog Time
1.6 sec. (system)
Connectors
1 x Plug-in terminal
blcok (#14~22 AWG)
Environment
Humidity
5 ~ 95% RH
Operating Temperature -10~70° C (14~158° F)
Storage Temperature
-25~85°C (-13~185°F)
Ordering Information
ADAM-4011
Thermocouple Input
Module
ADAM-4011D
Thermocouple Input
Module w/LED Display
ADAM-4012
Analog Input Module
ADAM-4013
RTD Input Module


Similar Part No. - ADAM-4012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4012 ADVANTECH-ADAM-4012 Datasheet
232Kb / 1P
1-ch Thermocouple Input Module
More results

Similar Description - ADAM-4012

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M500M-4-20 SYSTEMSENSOR-M500M-4-20 Datasheet
244Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011 Datasheet
518Kb / 1P
Isolated Thermocouple Input Module
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-5013 ADVANTECH-ADAM-5013_14 Datasheet
258Kb / 1P
3-ch RTD Input Module
ADAM-4011 ADVANTECH-ADAM-4011_15 Datasheet
232Kb / 1P
1-ch Thermocouple Input Module
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-5017H ADVANTECH-ADAM-5017H Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com