Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BY133
Description  1.0 AMPS. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BY133 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BY133 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BY133 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4001-1N4007, BY133)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
0.5
1
1.5
2
0
25
50
75
100
125
150
Ambient Temperature (
oC)
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
1
10
100
Number of Cycles at 60 Hz
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Forward Voltage (V)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
Ta=25
oC
Ta=125
oC
0.01
0.1
1
10
0
20
40
60
80
100
120
140
Percentage of VR (%)
Fig. 5- TYPIICAL JUNCTION CAPACITANCE
1
10
100
0.1
1
10
100
Reverse Voltage (V)
Version:D09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com