Electronic Components Datasheet Search
  English  ▼

X  

1SS133M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS133M
Description  300mW Hermetically Sealed Glass Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS133M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS133M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS133M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1SS133M)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.5
1
2
5
10
20
50
100
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
Fig.2 Reverse characteristics
0
20
40
60
80
100
120
3
10
30
100
300
1000
3000
REVERSE VOLTAGE : VR (V)
Ta
=25°C
100°C
75
°C
50
°C
Fig.3 Capacitance between
terminals characteristics
0
0
10
20
30
0.5
1.0
1.5
2.0
2.5
3.0
515
25
f
=1MHz
REVERSE VOLTAGE : VR (V)
Fig.4 Reverse recovery time
characteristics
0
0
48
16
12
20
1
2
3
4
5
FORWARD CURRENT : IF (mA)
VR
=6V
Irr
=1/10IR
Fig.5 Surge current characteristics
0.1
1
10
100
1000
10000
1
2
5
10
20
50
100
PULSE WIDTH : Tw (ms)
PULSE
Single pulse
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01
µF
D.U.T.
5k
Ω
Fig.6 Reverse recovery time (trr) measurement circuit
Version: A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com