Electronic Components Datasheet Search
  English  ▼

X  

BAS21A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS21A
Description  225mW SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS21A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS21A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS21A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS21 / A / C / S
225mW SMD Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :SOT-23 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Package
SOT-23
Maximum Ratings
Electrical Characteristics
IR=
100μA
IF=
100mA
IF=
200mA
Reverse Leakage Current
VR=
200V
Junction Capacitance
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method) Pulse Width=1 μsec
Notes:2. Valid provided that electrodes are kept at ambient temperature
0.550 REF
0.022 REF
SOT-23
VR=1V,
f=1.0MHz
CJ
Reverse Recovery Time IF=IR=10mA, RL=100Ω, IRR=1mA
Trr
V(BR)
V
IR
μA
-
1.25
V
VF
Junction and Storage Temperature Range
TJ, TSTG
Forward Voltage
pF
1.00
100
-
-
Units
Type Number
IFSM
A
Thermal Resistance (Junction to Ambient)
(Note 2)
RθJA
°C/W
Non-Repetitive Peak Forward Surge Current (Note 1)
Reverse Breakdown Voltage
Units
5
mW
250
200
Max
Min
-
mA
-
250
-
V
ns
50.0
Symbol
Symbol
Type Number
Value
Repetitive Peak Reverse Voltage
VRRM
Repetitive Peak Forward Current
IFRM
Mean Forward Current
IO
225
PD
D
E
F
Rating at 25°C ambient temperature unless otherwise specified.
Power Dissipation
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Unit (inch)
A
High temperature soldering guaranteed: 260°C/10s
Weight : 0.008gram (approximately)
G
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Unit (mm)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
B
C
°C
V
-55 to + 150
625
1
500
mA
Ordering Information
Part No.
Packing
BAS21/A/C/S RF
3Kpcs/ 7" Reel
BAS21
BAS21A
BAS21C
BAS21S
B
A
C
D
G
F
E
Version : B09


Similar Part No. - BAS21A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21A KEXIN-BAS21A Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
89Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
More results

Similar Description - BAS21A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
225mW, SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com