Electronic Components Datasheet Search
  English  ▼

X  

BAT42 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42
Description  200 mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT42 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BAT42 / BAT43
200 mW Hermetically Sealed Glass Fast
Switching Schottky Barrier Diode
DO-35
Features
Low forward voltage drop
DO-35 package (JEDEC)
Through-hole device type mounting
Hermetically sealed glass
Compression bonded construction
All external surface are corrosion resistant and
leads are readily solderable
RoHS compliant
Solder hot dip Tin(Sn) lead finish
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAT42/BAT43
Units
Power Dissipation
Pd
200
mW
Repetitive Peak Reverse Voltage
VRRM
30
V
Maximum DC Blocking Voltage
VR
30
V
Average Forward Rectified Current
IF(AV)
200
mA
Peak Forward Surge Current
IFSM
4.0
A
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
oC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Breakdown Voltage
@ IR=100uA
BV
30
V
Forward Voltage Drop All Types
BAT42
IF=200mA
BAT42
IF=10mA
BAT42
IF= 50mA
BAT43
IF=200mA
BAT43
IF =2.0mA
BAT43
IF=15mA
VF
0.26
1.0
0.40
0.65
1.0
0.33
0.45
V
Maximum Peak Reverse Current
VR=25V
IR
500
nA
Junction Capacitance
VR=1V, f=1.0MHz
Cj
7(Typ.)
pF
Reverse Recovery Time (Note 1)
trr
5.0 (Typ.)
nS
Note: 1. Reverse Recovery Test Conditions: IF=IR=10mA, IRR=1mA, RL=100Ω.
Version: A07


Similar Part No. - BAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT42 GE-BAT42 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT42 BILIN-BAT42 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT42 GOOD-ARK-BAT42 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT42

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LLBAT42 TAK_CHEONG-LLBAT42 Datasheet
79Kb / 3P
200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT42 TAK_CHEONG-TCBAT42 Datasheet
68Kb / 2P
200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT85 TAK_CHEONG-TCBAT85 Datasheet
67Kb / 2P
200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LLBAT42 TAK_CHEONG-LLBAT42_11 Datasheet
310Kb / 3P
200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS85 TSC-BAS85_14 Datasheet
192Kb / 3P
Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
BAT42 TSC-BAT42_14 Datasheet
195Kb / 4P
Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com