Electronic Components Datasheet Search
  English  ▼

X  

BAT42W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42W
Description  200mW Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT42W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42W - BAT43W
200mW Surface Mount Schottky Barrier Diode
Mechanical Data
.
Cathode
Anode
Symbol
BAT42W
BAT43W
Units
VRRM
V
VRWM
VR
V
VR(RMS)
V
IFM
mA
IFM
mA
IFSM
A
IFRM
mA
Pd
mW
V
--
0.40
--
0.65
0.33
--
0.45
--
V
IR
nA
uA
Cj
pF
Trr
nS
RθJA
nS
TJ
OC
TSTG
OC
-65 to +125
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Reverse Recovery Test Conditions: IF=10mA, IR=10mA, RL=100Ω, IRR=1mA
Working Peak Reverse Voltage
DC Blocking Voltage
Peak Reverse Current @ VR=25V & Tj=25
oC
@ VR=25V & Tj=100
oC
Power Dissipation (Note 1)
Forward Continue Current (Note 1)
Storage Temperature Range
Reverse Recovery Time (Note 2)
Operating Temperature Range
-65 to +125
Thermal Resistance Junction to Ambient Air (Note 1)
625
5
200
500
100
10
1.0
Surface mount package ideally suited for
automatic insertion
Moisture sensitivity level 1
Junction Capacitance VR=0, f=1.0MHz
RMS Reverse Voltage
Repetitive Peak Reverse Voltage
Weight : 0.01gram (Approx.)
Non-Repetitive Peak Forward Surge Current @ t<1.0mS
Repetitive Peak Forward Surge Current
Type Number
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeters)
SOD-123
Green compound (Halogen free)with suffix "G" on
packing code and prefix "G" on date code.
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity : Cathode Band
High temperature soldering guaranteed:
260
oC/10 seconds
Marking : BAT42W - S7
BAT43W - S8
Features
.
Low Forward Voltage Drop
Case : SOD-123 plastic package
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
200
30
21
Electrical Symbol
500
VF
Maximum Maximum Forward Voltage
IF = 200mA
IF = 2.0mA
IF = 10mA
IF = 15mA
IF = 50mA
625
4.0
Pepetitive Peak Forward Current @ t<1.0S
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
1 of 2
Version : B08


Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
BAT42W WTE-BAT42W Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42W DIODES-BAT42W Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 5 - 2
logo
General Semiconductor
BAT42W GE-BAT42W Datasheet
39Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT42W JIANGSU-BAT42W Datasheet
321Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
200mW Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
200mW Surface Mount Schottky Barrier Diode
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
Surface Mount Schottky Barrier Diode 200mW
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com