Electronic Components Datasheet Search
  English  ▼

X  

BZT52C33 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C33
Description  500mW, 5% Tolerance SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C33 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52C33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52C2V4-BZT52C75
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZT52C2V4
2.4
2.28
2.52
5
100
1
564
45
1
BZT52C2V7
2.7
2.57
2.84
5
100
1
564
18
1
BZT52C3V0
3
2.85
3.15
5
100
1
564
9
1
BZT52C3V3
3.3
3.14
3.47
5
95
1
564
4.5
1
BZT52C3V6
3.6
3.42
3.78
5
90
1
564
4.5
1
BZT52C3V9
3.9
3.71
4.1
5
90
1
564
2.7
1
BZT52C4V3
4.3
4.09
4.52
5
90
1
564
2.7
1
BZT52C4V7
4.7
4.47
4.94
5
80
1
470
2.7
2
BZT52C5V1
5.1
4.85
5.36
5
60
1
451
1.8
2
BZT52C5V6
5.6
5.32
5.88
5
40
1
376
0.9
2
BZT52C6V2
6.2
5.89
6.51
5
10
1
141
2.7
4
BZT52C6V8
6.8
6.46
7.14
5
15
1
75
1.8
4
BZT52C7V5
7.5
7.11
7.86
5
15
1
75
0.9
5
BZT52C8V2
8.2
7.48
8.61
5
15
1
75
0.63
5
BZT52C9V1
9.1
8.65
9.56
5
15
1
94
0.45
6
BZT52C10
10
9.5
10.5
5
20
1
141
0.18
7
BZT52C11
11
10.45
11.55
5
20
1
141
0.09
8
BZT52C12
12
11.4
12.6
5
25
1
141
0.09
8
BZT52C13
13
12.35
13.65
5
30
1
160
0.09
8
BZT52C15
15
14.25
15.75
5
30
1
188
0.045
10.5
BZT52C16
16
15.2
16.8
5
40
1
188
0.045
11.2
BZT52C18
18
17.1
18.9
5
45
1
212
0.045
12.6
BZT52C20
20
19
21
5
55
1
212
0.045
14
BZT52C22
22
20.9
23.1
5
55
1
235
0.045
15.4
BZT52C24
24
22.8
25.2
5
70
1
235
0.045
16.8
BZT52C27
27
25.65
28.35
2
80
0.5
282
0.045
18.9
BZT52C30
30
28.5
31.5
2
80
0.5
282
0.045
21
BZT52C33
33
31.35
34.65
2
80
0.5
306
0.045
23
BZT52C36
36
34.2
37.8
2
90
0.5
329
0.045
25.2
BZT52C39
39
37.05
40.95
2
130
0.5
329
0.045
27.3
BZT52C43
43
40.85
45.15
2
150
0.5
353
0.045
30.1
BZT52C47
47
44.65
49.35
2
170
0.5
353
0.045
33
BZT52C51
51
48.45
53.55
2
180
0.5
376
0.045
35.7
BZT52C56
56
53.2
58.8
2
200
0.5
400
0.045
39.2
BZT52C62
62
58.9
65.1
2
215
0.5
423
0.045
43.4
BZT52C68
68
64.6
71.4
2
240
0.5
447
0.045
47.6
BZT52C75
75
71.25
78.75
2
255
0.5
470
0.045
52.5
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
Part Number
ZZT @ IZT(Ω)
Max
Version : A09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com