Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DB3
Description  150mW Bi-directional Trigger Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DB3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DB3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DB3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3-DB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
Hermetically Sealed Glass.
All external suface are corrosion resistant and
terminals are readily solderable.
Min
Max
Min
Max
Case :DO-35 Solder Hot Dip Tin (Sn) lead finish
0.45
0.55 0.018 0.022
3.05
5.08 0.120 0.200
25.4
38.1 1.000 1.500
1.53
2.28 0.060 0.090
Package
DO-35
Maximum Ratings
Electrical Characteristics
Break-over Voltage
C=
22nF
Break-over Voltage Symmetry
C=
22nF
Break-over Current
C=
22nF
VR=
0.5V
Junction Capacitance
VR=0, f=1.0MHz
Output Voltage
Reverse Recovery Time
(Note2)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IF=0.5A, RL=100Ω
HERMETICALLY SEALED GLASS
Maxiumn Leakage Current
IR
10
Features
Unit (mm)
Unit (inch)
Designed for through-Hole Device Type Mounting.
B
Dimensions
High reliability glass passivation insuring parameter
Pb free version and RoHS compliant
Repetitive Peak Forward Current
Pulse Width=
20μsec
stability and protection against junction contamination.
Maximum Ratings and Electrical Characteristics
Mechanical Data
Terminal: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
A
Value
150
C
Marking : DB3/DB3TG
Weight : 0.1255 gram (approximately)
High temperature soldering guaranteed: 260°C/10s
DB3TG
400
Thermal Resistance (Junction to Ambient) (Note 1)
2
Power Dissipation
Symbol
Junction and Storage Temperature Range
DB3
-40 to + 125
+ / - 3
IBO
1.5
VO
μs
100
CJ
22.0
V
5
15
nA
nF
Trr
Type Number
Symbol
μA
D
IFRM
A
Rating at 25°C ambient temperature unless otherwise specified.
Units
PD
V
VBO
°C/W
RθJA
°C
TJ, TSTG
Units
V
+ / - 2
+ / -VBO
DO-35 Axial Lead
32
32
Ordering Information
Part No.
Packing
DB3/DB3TG RI
5Kpcs / 10" Reel
mW
Type Number
A
B
C
D
Version : C09


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
150mW,Bi-directional ESD Protection Diode
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3_10 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_14 Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com