Electronic Components Datasheet Search
  English  ▼

X  

GS1J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GS1J
Description  1.0 AMPS. Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GS1J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GS1J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GS1J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (GS1A THOU GS1M)
FIG.1 Maximum Forward Current Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
25
50
75
100
125
150
Lead Temperature (
oC)
FIG 2 Maximum Forward Surge Current
0
10
20
30
40
50
1
10
100
Number of Cycles at 60 Hz
FIG 3 TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage (V)
FIG 4 TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
Ta= 25
oC
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percentage of VR (%)
Ta=125
oC
FIG 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
Tj=25
oC
f=1.0MHZ
Vsig=50mVp-
p
Version : A09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com