Electronic Components Datasheet Search
  English  ▼

X  

BZX85C30 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX85C30
Description  1.3 Watts Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C30 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX85C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX85C3V3 - BZX85C56
1.3 Watts Zener Diode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
DO-41
Features
Silicon Planar Power Zener Diodes
For use in stabilizing and clipping circuits with
high power rating
The Zener voltages are graded according to
the international E24 standard. Replace suffix
“C”
Hermetically sealed by glass sleeve body
Mechanical Data
Case: Glass sleeve DO-41
Lead: Axial leads, solderable per
MIIL-STD-202, Method 2025
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 310 mg (approx.)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation (Note 1)
Pd
1.3
W
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
130
O
C /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
O
C
Notes: 1. Measured with pulses tp=5ms
2. Valid Provided that Lead are Kept at Ambient Temperature at a distance of
10 mm from case..
3. f = 1KHz.
Version: C08


Similar Part No. - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C30 VISHAY-BZX85C30 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C30 EIC-BZX85C30 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C30 GOOD-ARK-BZX85C30 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
53Kb / 5P
Zeners
More results

Similar Description - BZX85C30

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
3.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
1.0 Watts Surface Mount Zener Diode
logo
Shenzhen Luguang Electr...
BZX85C7 LUGUANG-BZX85C7 Datasheet
197Kb / 5P
1.3 Watts Zener Diode
logo
SUNMATE electronic Co.,...
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
1.3 Watts Surface Mount Zener Diodes
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
Micro Commercial Compon...
BZX85C MCC-BZX85C Datasheet
230Kb / 3P
1.3 Watt Zener Diode 2.7 to 75 Volts
DL85C75 MCC-DL85C75 Datasheet
185Kb / 3P
1.3 Watt Zener Diode 2.7 to 75 Volts
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com