Electronic Components Datasheet Search
  English  ▼

X  

KBU601 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU601
Description  Single Phase 6.0 AMPS. Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU601 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU601 - KBU607
Symbol
KBU
601
KBU
602
KBU
603
KBU
604
KBU
605
KBU
606
KBU
607
Units
VRRM
50
100
200
400
600
600
1000
V
VRMS
35
70
140
260
420
560
700
V
VDC
50
100
200
400
600
600
1000
V
I(AV)
A
IFSM
A
I2tA2S
VF
V
IR
uA
Cj
pF
RθJA
RθJC
oC/W
TJ
OC
TSTG
OC
Dimension in inches and (millimeter)
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Mounting Torque : 5 in lbs max.
Maximum RMS Voltage
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
8.6
3.1
-55 to +125
-55 to +150
Typical IR less than 0.1uA
Rating of fusing ( t < 8.3mS )
166
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
6.0
200
10.0
500
Operating Temperature Range
Storage Temperature Range
Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC.
2. Unit case mounted on 2" x 3" x 0.25" Al plate heat sink.
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension
High surge current capability
Typical Thermal Resistance (Note 2)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Terminal : Pure tin plated , Lead free. Leads solderable per
MIL-STD-202 Method 208
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
Case : Molded plastic body
Weight : 8.0 grams (0.3 ounce)
UL Recoganized File # E-326243
1.0
1.1
Single Phase 6.0 AMPS. Bridge Rectifiers
High case dielectric strength
Plastic material has Underwriters laboratory
flammability Classification 94V-0
KBU
Features
Ideal for printed circuit board
Mechanical Data
240
Typical Junction Capacitance per leg (Note 1)
Maximum Instantaneous Forward Voltage @ 4.0A
@ 8.0A
Maximum Average Forward Rectified Current
@ T A = 65oC
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
1 of 2
Version : D09


Similar Part No. - KBU601

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Won-Top Electronics
KBU601 WTE-KBU601 Datasheet
42Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU601 JGD-KBU601 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU601 FUJI-KBU601 Datasheet
719Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBU601 LRC-KBU601 Datasheet
52Kb / 2P
6.0A BRIDGE RECTIFIERS
More results

Similar Description - KBU601

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601 Datasheet
53Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
Single Phase 6.0 AMPS. Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com