Electronic Components Datasheet Search
  English  ▼

X  

RB495D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RB495D
Description  40V, 350mA, SMD Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB495D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RB495D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB495D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB495D
40V, 350mA, SMD Schottky Diode
Small Signal Diode
Low VF, Low IR, High Reliability Schottky Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
packing code and prefix "G" on date code
Min
Max
Min
Max
2.65
3.05
0.104 0.120
1.19
1.40
0.047 0.055
Case :SOT-23 small outline plastic package
0.37
0.51
0.015 0.020
1.78
2.05
0.070 0.080
2.10
2.50
0.083 0.098
0.89
0.11
0.035 0.043
0.45
0.61 0.018 0.024
Unit (mm)
Unit (inch)
B
C
Green compound (Halogen free) with suffix "G" on
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed: 260
°C/10s
SOT23
Features
Mechanical Data
Weight :0.008 gram (approximately)
A
Ordering Information
Dimensions
E
F
D
G
B
A
C
D
G
E
F
Package
SOT23
Maximum Ratings
Electrical Characteristics
IR=
100
μA
Forward Voltage
IF=
10mA
IF=
200mA
VR=
25V
Junction Capacitance
VR=0, f=1.0MHz
Notes:1. 8.3ms singlehalf Sine-wave
Reverse Leakage Current
VF
Reverse Voltage
VR
25
V
IR
70
μA
V
1.5
Value
Symbol
PD
Power Dissipation
mW
Maximum Ratings and Electrical Characteristics
Ordering Information
-
-
-
-
0.3
0.5
pF
CJ
-50
Part No.
RB495D RF
Packing
3Kpcs/7" Reel
Type Number
Symbol
40
Units
V
Min
Max
Reverse Breakdown Voltage
V(BR)
°C
-40 to + 125
Junction and Storage Temperature Range
TJ, TSTG
A
Non-Repetitive Peak Forward Surge Current (Note 1)
VRRM
Repetitive Peak Reverse Voltage
Mean Forward Current
IO
V
350
mA
40
IFSM
200
Rating at 25
°C ambient temperature unless otherwise specified.
Type Number
Units
Electrical Symbol
3
1
2
Anode
Cathode
Anode/Cathode
Version : A09


Similar Part No. - RB495D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB495D ROHM-RB495D Datasheet
53Kb / 2P
Schottky barrier diode
RB495D ROHM-RB495D Datasheet
207Kb / 4P
Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB495D TEL-RB495D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB495D KEXIN-RB495D Datasheet
36Kb / 1P
Schottky barrier diode
logo
Rohm
RB495D ROHM-RB495D Datasheet
1,007Kb / 4P
Schottky Barrier Diode
More results

Similar Description - RB495D

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350 Datasheet
90Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 4
logo
Micro Commercial Compon...
LS103A MCC-LS103A Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_11 Datasheet
135Kb / 3P
40V, 350mA, SMD Schottky Diode
logo
Formosa MS
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
350mA Surface Mount Small Signal Schottky Diode -20V-40v
logo
SUNMATE electronic Co.,...
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350_15 Datasheet
166Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 6
logo
Micro Commercial Compon...
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Silicon Supplies
1N5822 SS-1N5822 Datasheet
518Kb / 3P
40V 3A Schottky Diode
logo
AiT Semiconductor Inc.
SD103AWS AITSEMI-SD103AWS Datasheet
857Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 350mA
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com