Electronic Components Datasheet Search
  English  ▼

X  

SD101AW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD101AW
Description  400mW Schottky Barrier Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD101AW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD101AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD101AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SD101AW - SD101CW)
FIG.1- TYPICAL FORWARD CHARACTERISTIC
VARATIONS FOR PRIMARY CONDUCTION
V , FORWARD VOLTAGE (V)
F
0
0
0.1
FIG.2- TYP. JUNCTION CAPACITANCE VS
REVERSE VOLTAGE
V , REVERSE VOLTAGE (V)
R
A
B
C
A
B
C
T=25 C
j
O
0.5
1.0
1.0
10
0
1020
3040
50
0
1
2
Version: A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com