Electronic Components Datasheet Search
  English  ▼

X  

SD103AW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD103AW
Description  400mW Schottky Barrier Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD103AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SD103AW - SD103CW)
FIG.1- TYPICAL FORWARD CHARACTERISTICS
FIG.2- JUNCTION CAPACITANCE VS
REVERSE VOLTAGE
0.01
0.10
1.0
10
100
1000
0
0.5
1.0
0
V , FORWARD VOLTAGE (V)
F
V , REVERSE VOLTAGE (V)
R
10
1.0
0.1
100
10
20
30
40
Version: A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com