Electronic Components Datasheet Search
  English  ▼

X  

SFAS803G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFAS803G
Description  8.0 AMPS. Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAS803G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFAS803G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAS803G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 186 -
Version: D09
SFAS801G - SFAS808G
8.0 AMPS. Surface Mount Super Fast Rectifiers
D2PAK
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Mechanical Data
Cases: D
2PAK Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free. solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds/.16”,(4.06mm) from case.
Weight: 1.33 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SFAS
801G
SFAS
802G
SFAS
803G
SFAS
804G
SFAS
805G
SFAS
806G
SFAS
807G
SFAS
808G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current @TC = 100
oC
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking
Voltage @ TA=100
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time(Note1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
80
60
pF
Typical Thermal Resistance (Note 3)
RθJC
2.2
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink size of 2” x 3” x 0.25”.


Similar Part No. - SFAS803G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAS803G TSC-SFAS803G Datasheet
87Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
167Kb / 2P
8.0 AMPS. Surface Mount Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
174Kb / 2P
8.0AMPS Surface Mount Super Fast Rectifiers
SFAS803G TSC-SFAS803G Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - SFAS803G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF801G TSC-SF801G Datasheet
95Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G Datasheet
55Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G Datasheet
87Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
MUR820 TSC-MUR820_1 Datasheet
245Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
ES2AA TSC-ES2AA_1 Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
SF801G TSC-SF801G_1 Datasheet
344Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_1 Datasheet
262Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G_1 Datasheet
167Kb / 2P
8.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_10 Datasheet
597Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Thinki Semiconductor Co...
ES8D THINKISEMI-ES8D Datasheet
445Kb / 2P
8.0 Ampere Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com