Electronic Components Datasheet Search
  English  ▼

X  

SR303 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR303
Description  3.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR303 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR303 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR303 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMPS. Schottky Barrier Rectifiers
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SR
302
SR
303
SR
304
SR
305
SR
306
SR
309
SR
310
SR
315
SR
320
Units
VRRM
20
30
40
50
60
90
100 150 200
V
VRMS
14
21
28
35
42
63
70
105 140
V
VDC
20
30
40
50
60
90
100 150 200
V
I(AV)
A
IFSM
A
VF
V
IR
mA
Cj
pF
RθJA
RθJC
OC/W
TJ
OC
TSTG
OC
SR302 -SR320
DO-201AD
Dimensions in inches and (millimeters)
High temperature soldering guaranteed: 260
oC/10 seconds
/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
Epoxy: UL 94V-O rate flame retardant
Lead: Pure tin plated, lead free, solderable per MIL-
STD-202, Method 208 guaranteed
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Features
Mechanical Data
Cases: Molded plastic
Green compound with suffix "G" on packing
code and Prefix "G" on date code.
Polarity: Color band denotes cathode.
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Refer to Fig 1
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
3.0
80
50
15
Notes: 1. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
Typical Thermal Resistance (Note 1)
Operating Temperature Range
-65 to +150
Storage Temperature Range
-65 to +150
130
Weight: 1.1 grams
Typical Junction Capacitance (Note 2)
Maximum Instantaneous Forward Voltage @ 3.0A
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
90
0.55
0.7
0.85
0.95
0.5
10
0.5
5
0.1
2.0
160
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Version D09


Similar Part No. - SR303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR303 MOSPEC-SR303 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Jinan Gude Electronic D...
SR303 JGD-SR303 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR303 DIODES-SR303 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
logo
Taiwan Semiconductor Co...
SR303 TSC-SR303 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR303 TSC-SR303 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR303

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR302 JGD-SR302 Datasheet
143Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRAD320 TSC-SRAD320 Datasheet
52Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820 Datasheet
245Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
1N5820 TSC-1N5820_1 Datasheet
63Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SS32 TSC-SS32_1 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR320 YANGJIE-SR320 Datasheet
694Kb / 2P
3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820_10 Datasheet
397Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_10 Datasheet
194Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com