Electronic Components Datasheet Search
  English  ▼

X  

SR1202 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR1202
Description  12.0 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1202 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR1202 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1202 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelimitary
RATINGS AND CHARACTERISTIC CURVES (SR1202 THRU SR1204)
FIG.1 Rated Forward Current vs Ambient
Temp. Curve
DC forward
0
20
40
60
80
100
0
25
50
75
100 125 150 175 200
Ambient Temperature (oC)
FIG 2 Maximum Forward Surge Current
50 Hz
60Hz
0
50
100
150
200
250
300
350
1
10
100
Number of Cycles at 60 Hz
FIG 3 Typical Forward Characteristics
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage (V)
FIG 4 Typical Reverse Characteristics
Ta=25oC
Ta=100oC
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percentage of VR (%)
FIG 5 Typical Junction Capacitance
100
1000
10000
0.1
1
10
100
Reverse Voltage (V)
FIG 6 Typical Transient Thermal
Resistance
0.1
1
10
0.01
0.1
1
10
100
T, pulse Duration (Sec)
Page : 2 of 2
Version : A08
B
09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com