Electronic Components Datasheet Search
  English  ▼

X  

TS178RL33 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS178RL33
Description  1A Ultra Low Dropout Voltage Regulator with Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS178RL33 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS178RL33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS178RL33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS178RL33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS178RL33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS178RL33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS178RL33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
TS178RL00 Series
1A Ultra Low Dropout Voltage Regulator
with Enable Function
4/6
Version: P07
ITO-220-4L Mechanical Drawing
Marking Diagram
XX = Voltage Code
(33=3.3V, 05=5V, 08=8V, 09=9V, 12=12V, 15=15V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
CI4 = Package Code for Adjustable type
(CI4 = ITO-220-4L)
ITO-220-4L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.42
4.72
0.174
0.186
A1
2.69
2.89
0.136
0.114
A2
1.68
1.88
0.066
0.074
D
10.00
10.20
0.394
0.402
E
6.85
7.05
0.269
0.278
E1
8.54
8.74
0.336
0.344
L
13.15
13.55
0.518
0.533
L2
16.56
16.76
0.652
0.660
L2
3.60
3.80
0.142
0.150
He
28.44
28.92
1.119
1.159
C
0.48
0.019
E
2.54(TYP)
0.1(TYP)
b
0.635(TYP)
0.025(TYP)
θ
4°
7°
4°
7°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com