Electronic Components Datasheet Search
  English  ▼

X  

TS432ACTB0G Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS432ACTB0G
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432ACTB0G Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS432ACTB0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS432ACTB0G Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS432
Adjustable Precision Shunt Regulator
11/12
Version: C07
SOT-25 Mechanical Drawing
Marking Diagram
2 = Device Code
X = Tolerance Code
(A = ±1%, B = ±0.5%, C = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L = Lot Code
SOT-25 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A+A1
0.09
1.25
0.0354
0.0492
B
0.30
0.50
0.0118
0.0197
C
0.09
0.25
0.0035
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
E
1.90 BSC
0.0748 BSC
H
2.40
3.00
0.09449
0.1181
L
0.35 BSC
0.0138 BSC
Ө1
0º
10º
0º
10º
S1
0.95 BSC
0.0374 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com