Electronic Components Datasheet Search
  English  ▼

X  

TS809CXIRF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS809CXIRF
Description  Microprocessor Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS809CXIRF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS809CXIRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS809CXIRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS809/810/809R/810R Series
Microprocessor Reset Circuit
3/7
Version: A07
Application Note
Function Description
A microprocessor’s (µP’s) reset input starts the µP In a know state. The TS809/810/809R/810R assert reset to
prevent code-execution errors during power-up, power-down, or brownout conditions. They assert a reset signal
whenever the Vcc supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after Vcc
has risen above the reset threshold. The TS809/810/809R/810R have a push-pull output stage.
Applications Information
Negative-Going VCC transients in addition to issuing a reset to the µP during power-up, power-down, and brownout
conditions, the TS809/810 are relatively immune to short-duration negative-going Vcc transients (glitches).
The TS809/810/809R/810R do not generate a reset pulse. The graph was generated using a negative going pulse
applied to Vcc, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset
comparator overdrive). The graph indicates the maximum pulse width a negative going Vcc transient can have
without causing a reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold),
the maximum allowable pulse width decreases. Typically, a Vcc transient that goes 100mV below the reset threshold
and lasts 20µS or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as possible to the
Vcc pin provides additional transient immunity.
Ensuring a Valid Reset Output Down to Vcc=0
When Vcc falls below 1V, the TS809/810/809R/810R reset output no longer sinks current - it becomes an open
circuit. Therefore, high impedance CMOS logic input connected to reset can drift to undetermined voltages.
This present no problem in most applications since most µP and other circuitry is inoperative with Vcc below
1V.However, in applications where reset must be valid down to 0V, adding a pull down resistor to reset causes and
stray leakage currents to flow to ground, holding reset low (Figure 2.) R1’s value is not critical; 100K is large enough
not to load reset and small enough to pull RESET to ground. For the TS809/810/809R/810R if reset is required to
remain valid for Vcc<1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of the nominal supply, but will occur when the supply is 10%
below nominal. When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset many or may not be asserted
Timming Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com