Electronic Components Datasheet Search
  English  ▼

X  

TS2507 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2507
Description  0.5A / 330KHz PWM Buck Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2507 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2507 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS2507
0.5A / 330KHz PWM Buck Controller
1/9
Version: A07
SOP-8
General Description
The TS2507 integrates Pulse-Width-Modulation (PWM) control circuit into a single chip. These devise include a
reference voltage source, oscillation circuit, error amplifier and etc. TS2507 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM control circuit is able to very the duty ratio linearly form 0 up to
100%. This controller also contains an error amplifier circuit as well as a soft-start circuit that prevents overshoot at
startup. An enable function, an over current protect function and short circuit protect function are built inside, and
when OCP or SCP happens, the operation frequency will be reduced. Also, an internal compensation block is built in
to minimum external component count. With the addition of an external P-channel Power MOS, a coil, capacitors, and
a diode connected externally, these components can function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the SOP-8, providing such outstanding features as low
current consumption. Since this converter can accommodate an input
Ordering Information
Part No.
Package
Packing
TS2507CS RL
SOP-8
2.5Kpcs / 13” Reel
Features
●
Input Voltage: 3.6V~24V
●
Output Voltage: 0.8V~Vcc
●
Duty Ratio: 0%~100% PWM Control
●
Oscillation Frequency: 330kHz typ.
●
Soft-Start (SS), Current Limit (CL), Enable Function
●
Thermal Shutdown Function
●
Short Circuit Protect (SCP)
●
External SW P-Channel MOSFET
●
Low ESR Output Capacitor Application
●
SOP-8 Pb-Free Package
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
Absolute Maximum Rating
Parameter
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 26
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VCC
V
ON/OFF Pin Voltage
VEN
VSS - 0.3 to VCC + 0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-40 to +150
℃
Operating Temperature Range
TOP
-20 to +125
℃
Operating Supply Voltage
VOP
+3.6 to +24
V
Thermal Resistance from Junction to case
θJC
40
℃
/W
Thermal Resistance from Junction to ambient
θJA
120
℃
/W
Pin Definition:
1. EN
5. FB
2. Comp
6. Vss
3. Ocset
7. LX
4. Vcc
5. Gate


Similar Part No. - TS2507

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS250 MACOM-TS250 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
TS250-130 MACOM-TS250-130 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TS250-130 ETC2-TS250-130 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TS250-130-RA MACOM-TS250-130-RA Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
TS250-130-RB MACOM-TS250-130-RB Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - TS2507

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 2
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
2A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com