Electronic Components Datasheet Search
  English  ▼

X  

TS4264G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264G
Description  5V/150mA Fixed-Voltage Ultra Low LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4264G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS4264G
5V/150mA Fixed-Voltage Ultra Low LDO
3/5
Version: A08
Application Information
In the TS4264GCW50 the output voltage is divided and compared to an internal reference of 2.5V typical. The
regulation loop controls the output to achieve an output voltage of 5V with an accuracy of ±3% at an input voltage
range of 5.5V~45V.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a voltage
that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation control,
working as a function of load current, prevents any over-saturation of the power element. The IC is additionally
protected against overload, over temperature and reverse polarity
Typical Application Circuit
Dimensioning Information on External Components
The input capacitor CIN is necessary for compensating line influences. Using a resistor of approx. 1Ω in series with CIN,
the oscillating of input inductivity and input capacitance can be clamped. The output capacitor COUT is necessary for the
stability of the regulating circuit. Stability is guaranteed at values COUT ≥10uF and an ESR ≤ 4Ω within the operating
temperature range.
The application circuit shows additional electrolytic input capacitor of 470uF is added in order to buffer supply line
influences. This capacitor is recommended, if the device is sourced via long supply lines of several meters.
The TS4264GCW50 can supply up to 150mA. However for protection for high input voltage above 25V, the output
current is reduced (SOA protection).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com