Electronic Components Datasheet Search
  English  ▼

X  

TS4448RW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RW
Description  350mW High Speed SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4448RW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS4448 RW
350mW High Speed SMD Switching Diode
Extremely thin/leadless package
High mounting capability,strong surage with stand,
high reliability.
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :1005 standard package, molded plastic
2.40
2.60
0.095 0.102
1.10
1.30
0.043 0.051
0.70
0.90
0.027 0.035
Typ.
0.50
Typ.
0.02
Typ.
1.00
Typ.
0.04
Package
1005
Maximum Ratings
1 μsec
8.3 msec
Electrical Characteristics
Reverse Breakdown Voltage
(Note 2)
IF=
5mA
IF=
100mA
VR=
20V
VR=
80V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time
(Note3)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Test Condition : IR=100μA
Notes:3. Test Condition : IF=IR=10mA, RL=100Ω, IRR=1mA
V
°C
TJ, TSTG
Units
V
-
Min
V(BR)
Repetitive Peak Reverse Voltage
PD
VRRM
Pulse Width=
Pulse Width=
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
mA
mW
V
A
2.0
°C/W
100
D
Mean Forward Current
IO
Thermal Resistance (Junction to Ambient) (Note 1)
500
RθJA
Units
pF
Trr
ns
-
nA
9.0
CJ
9
-
-
Junction and Storage Temperature Range
Reverse Leakage Current
Forward Voltage
Max
Type Number
Symbol
VF
0.62
1.00
IR
-
-40 to + 125
80
25
0.72
100
1005
Maximum Ratings and Electrical Characteristics
Mechanical Data
Terminal: Gold plated, solderable
per MIL-STD-750, method 2026 guaranteed
Unit (mm)
Unit (inch)
High temperature soldering guaranteed: 260°C/10s
Polarity : Indicated by cathode band
Dimensions
A
Designed for mounting on small surface.
Non-Repetitive Peak Forward Surge Current
IFSM
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
125
Weight : 0.006 gram (approximately)
B
C
E
Value
200
1.0
Ordering Information
Part No.
Packing
TS4448 RW
4Kpcs / 7" Reel
Small Signal Diode
Features
Version :
C09
A
B
D
C
E


Similar Part No. - TS4448RW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
350mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
High Speed Switching Diode 350mW
BAS16W-TP MCC-BAS16W-TP Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
High Speed Switching Diode 350mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com