Electronic Components Datasheet Search
  English  ▼

X  

TS5218 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5218
Description  800mA Ultra Low Dropout Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5218 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
1/7
Version: A09
TDFN 3x3
General Description
The TS5218 is 800mA ultra low dropout linear voltage regulators that provide low voltage, high current output from
an extremely small package. These regulators offers extremely low dropout (typically 400mV at 800mA) and very low
ground current (typically 12mA at 800mA).
The TS5218 is fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control.
Features
●
Dropout voltage typically 0.4V @Io=800mA
●
Output Current up to 800mA
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Current Limit & Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5218CQ RF
DFN 3x3
3Kpcs / 7” Reel
Application
●
ULDO Linear Regulator for PC add-in Cards
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching Supply
●
Portable Application
●
Low-Voltage microcontrollers and Digital Logic
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
-20V ~ +20
V
Enable Voltage
VEN
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Operation Enable Voltage
VEN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Thermal Resistance Junction to Case
RθJC
20
oC/W
Pin Definition:
1. Enable
2. Input
3. Output
4. Feedback
5.6.7.8. Ground


Similar Part No. - TS5218

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
More results

Similar Description - TS5218

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator with Enable
Revision 2.1 January 22, 2007
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com