Electronic Components Datasheet Search
  English  ▼

X  

TS5218CQRF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5218CQRF
Description  800mA Ultra Low Dropout Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218CQRF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5218CQRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
3/7
Version: A09
Functional Diagram
Application Information
The TS5218 is high performance with low dropout voltage regulator suitable for moderate to high current and voltage
regulator application. Its 700mV dropout voltage at full load and over temperature makes it especially valuable in
battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN transistor
design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout
voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage.
The TS5218 is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current
during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the maximum
safe operating temperature. Transient protection allows device survival even when the input voltage spikes above and
below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be
applied without reverse current flow.
Output Capacitor Requirement
The TS5218 requires an output capacitor to maintain stability and improve transient response is necessary. The value
of this capacitor is dependent upon the output current, lower currents allow smaller capacitors. TS5218 output
capacitor selection is dependent upon the ESR of the output capacitor to maintain stability. When the output capacitor
is 10uF or greater, the output capacitor should have an ESR less than 2Ω. This will improve transient response as well
as promote stability. Ultra low ESR capacitors (<100mΩ), such as ceramic chip capacitors, may promote instability.
These very low ESR levels may cause an oscillation and/or under damped transient response. A low ESR solid
tantalum capacitor works extremely well and provides good transient response and stability over temperature
aluminum electrolytes can also be used, as long as the ESR of the capacitor is <2Ω. The value of the output capacitor
can be increased without limit. Higher capacitance values help to improve transient response and ripple rejection and
reduce output noise.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com