Electronic Components Datasheet Search
  English  ▼

X  

TS29152 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS29152
Description  1.5A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS29152 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
5/5
Version: A09
Thermal Characteristics (Continue)
The next parameter which must be calculated is the maximum allowable temperature rise, TR(max). this is calculated
by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction temperature, which is 125
oC for commercial grade parts.
TA(max) is the maximum ambient temperature which will be encountered in the application. Using the calculated
values for TR(max) and PD, the maximum allowable value for the junction to ambient thermal resistance, θJA, can now
be found: θJA = TR(max) / PD
Adjustable Regulator Design
The adjustable regulator versions is allow to programming the output voltage anywhere between 1.25 and the 26V
maximum operating rating of the family. Two resistors are used. Resistors can be quite large up to 1MΩ, because of
the very high input impedance and low bias current of the sense comparator, the resistor values are calculated by:
R1 = R2 * [(VOUT / 1.24) – 1]
Where is Vout the desired output voltage. Above application circuit shows component definition. Applications with
widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.
Enable Input
TS29152 versions feature an enable (EN) input that allows ON/OFF control of the device. Special design allows
“zero” current drain when the device is disabled–only microamperes of leakage current flow. The EN input has
TTL/CMOS compatible thresholds for simple interfacing with logic, or may be directly tied to ≤30V. Enabling the
regulator requires approximately 20uA of current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com